Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML7074-004GA Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML7074-004GA
Description  VoIP CODEC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML7074-004GA Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML7074-004GA Datasheet HTML 2Page - OKI electronic componets ML7074-004GA Datasheet HTML 3Page - OKI electronic componets ML7074-004GA Datasheet HTML 4Page - OKI electronic componets ML7074-004GA Datasheet HTML 5Page - OKI electronic componets ML7074-004GA Datasheet HTML 6Page - OKI electronic componets ML7074-004GA Datasheet HTML 7Page - OKI electronic componets ML7074-004GA Datasheet HTML 8Page - OKI electronic componets ML7074-004GA Datasheet HTML 9Page - OKI electronic componets ML7074-004GA Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
FEDL7074-003DIGEST-01
OKI Semiconductor
ML7074-004GA
6/29
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Conditions
Rating
Unit
Analog power supply
voltage
VDA
−0.3 to 5.0
V
Digital power supply voltage
VDD
−0.3 to 5.0
V
Analog input voltage
VAIN
Analog pins
−0.3 to V
DD + 0.3
V
VDIN1
Normal digital pins
−0.3 to V
DD + 0.3
V
Digital input voltage
VDIN2
5 V tolerant pins
−0.3 to 6.0
V
Storage temperature range
Tstg
−55 to +150
°C
RECOMMENDED OPERATING CONDITIONS
(Unless otherwise specified, AVDD = 3.0 to 3.6 V, DVDD0, 1, 2 = 3.0 to 3.6 V, AGND = DGND0, 1, 2 = 0.0 V,
Ta =
−20 to +60°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Analog power supply voltage
VDA
3.0
3.3
3.6
V
Digital power supply voltage
VDD
3.0
3.3
3.6
V
Operating temperature range
Ta
−20
60
°C
VIH1
Digital input pins
2.0
VDD+
0.3
V
Digital high level input voltage
VIH2
GPI0 and GPI1 pins
2.0
5.5
V
Digital low level input voltage
VIL
Digital pins
−0.3
0.8
V
Digital input rise time
tIR
Digital pins
2
20
ns
Digital input fall time
tIF
Digital pins
2
20
ns
Digital output load capacitance
CDL
Digital pins
50
pF
Capacitance of bypass capacitor
for AVREF
Cvref
Between AVREF and AGND 2.2+0.1
4.7+0.1
µF
Master clock frequency
Fmck
MCK
−0.01%
4.096
+0.01%
MHz
PCM shift clock frequency
Fbclk
BCLK (at input)
64
2048
kHz
PCM sync signal frequency
Fsync
SYNC (at input)
8.0
kHz
Clock duty ratio
DRCLK
MCK, BCLK (at input)
40
50
60
%
tBS
BCLK to SYNC
(at input)
100
ns
PCM sync timing
tSB
SYNC to BCLK
(at input)
100
ns
PCM sync signal width
tWS
SYNC (at input)
1BCLK
100
µs


Similar Part No. - ML7074-004GA

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
More results

Similar Description - ML7074-004GA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
   VoIP CODEC
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
   VoIP CODEC
logo
OKI electronic componet...
ML7074-003 OKI-ML7074-003 Datasheet
328Kb / 31P
   VoIP CODEC
logo
LAPIS Semiconductor Co....
ML7074-003 LAPIS-ML7074-003 Datasheet
660Kb / 93P
   VoIP CODEC
logo
Texas Instruments
TLV320AIC22 TI-TLV320AIC22_06 Datasheet
769Kb / 55P
[Old version datasheet]   DUAL VOIP CODEC
TLV320AIC22 TI-TLV320AIC22 Datasheet
762Kb / 54P
[Old version datasheet]   DUAL VOIP CODEC
logo
Asahi Kasei Microsystem...
AK2306 AKM-AK2306 Datasheet
469Kb / 38P
   Dual PCM CODEC for ISDN/VoIP TERMINAL ADAPTER
logo
OKI electronic componet...
ML7204-001 OKI-ML7204-001 Datasheet
792Kb / 42P
   The ML7204-001 is a speech CODEC for VoIP.
logo
Level One
VOI-7000 LVL1-VOI-7000 Datasheet
222Kb / 3P
   SIP VoIP Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com