Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM5416126A-XXTS-K Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM5416126A-XXTS-K
Description  131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM5416126A-XXTS-K Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM5416126A-XXTS-K Datasheet HTML 3Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 4Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 5Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 6Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 7Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 8Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 9Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 10Page - OKI electronic componets MSM5416126A-XXTS-K Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/22
¡ Semiconductor
MSM5416126A
AC Characteristics (2/2)
Parameter
0
9
0
8
(VCC = 5 V ±10%, Ta = 0°C to 70°C) Note 1, 2, 3
9
8
35
30
9
8
9
8
14
14
0
0
0
0
0
0
35
30
32
30
44
40
70
65
0
0
10
10
10
10
Note
8, 11
11
13
7, 11
8
8
8
11
12
7, 11
11
9
8
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Symbol
Min.
Min.
MSM5416126A
-45
MSM5416126A
-50
MSM5416126A
-60
Min.
0
10
10
45
10
12
15
0
0
0
45
35
50
80
0
10
10
10
8
8ns
10
Write Command Set-up Time
Write Command Hold Time
Write Command Pulse Width
Write Command Hold Time from RAS
OE Command Hold Time
Write Command to CAS Lead Time
Write Command to RAS Lead Time
Data-in Set-up Time
Data-in Hold Time
Data-in Hold Time referenced to RAS
OE to Data-in Delay Time
RAS to WE Delay Time
CAS Active Delay Time
from RAS Precharge
RAS to CAS Set-up Time
(CAS before RAS)
RAS to CAS Hold Time
(CAS before RAS)
CAS to WE Delay Time
Column Address to WE Delay Time
Data to CAS Delay Time
Data to OE Delay Time
tWCS
tWCH
tWP
tWCR
tOEH
tCWL
tRWL
tDS
tDH
tDHR
tOED
tRWD
tRPC
tCSR
tCHR
tCWD
tAWD
tDZC
tDZO
Max.
Max.
Max.
10
10
ns
10
OE "L" to CAS "H" Lead Time
tOCH
———
10
10
ns
10
CAS "H" to OE "L" Lead Time
tCHO
———
10
10
ns
10
Hi-Z Command Pulse Width
tOEP
———
Read Command Set-up Time
0
0
Read Command Hold Time
0
0
Read Command Hold Time
referenced to RAS
0
0
11
6, 11
6
ns
ns
ns
tRCS
tRCH
tRRH
0
0
0
Output Buffer Turn-off
Delay Time from CAS
8
3
8
35
ns
tCEZ
10
3
Output Buffer Turn-off
Delay Time from WE
15
3
15
35
ns
tWEZ
15
3
0
8
7
30
8
7
14
0
0
0
30
28
38
60
0
10
10
7
Min.
8
Max.
10
10
10
0
0
0
8
3
15
3
MSM5416126A
-40


Similar Part No. - MSM5416126A-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40JS OKI-MSM5416125A-40JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-40TS-K OKI-MSM5416125A-40TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45JS OKI-MSM5416125A-45JS Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5416125A-45TS-K OKI-MSM5416125A-45TS-K Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM5416126A-XXTS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM54V32126A OKI-MSM54V32126A Datasheet
384Kb / 26P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM54V32126 OKI-MSM54V32126 Datasheet
303Kb / 25P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126 OKI-MSM5432126 Datasheet
293Kb / 24P
   131,072-Word x 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5432126A OKI-MSM5432126A Datasheet
348Kb / 24P
   131,072-Word X 32-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416125A OKI-MSM5416125A Datasheet
246Kb / 20P
   131,072-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MD51V65165 OKI-MD51V65165 Datasheet
343Kb / 16P
   4,194,304-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165D OKI-MSM5118165D Datasheet
285Kb / 18P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM51V18165D OKI-MSM51V18165D Datasheet
344Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5416258B OKI-MSM5416258B Datasheet
204Kb / 20P
   262,144-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
MSM5118165B OKI-MSM5118165B Datasheet
255Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE WITH EDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com