Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9051G Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9051G
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9051G Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9051G Datasheet HTML 5Page - OKI electronic componets ML9051G Datasheet HTML 6Page - OKI electronic componets ML9051G Datasheet HTML 7Page - OKI electronic componets ML9051G Datasheet HTML 8Page - OKI electronic componets ML9051G Datasheet HTML 9Page - OKI electronic componets ML9051G Datasheet HTML 10Page - OKI electronic componets ML9051G Datasheet HTML 11Page - OKI electronic componets ML9051G Datasheet HTML 12Page - OKI electronic componets ML9051G Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 74 page
background image
PEDL9051G-01
OKI Semiconductor
ML9051G
9/74
[VDD = 4.5 to 5.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Address hold time
tAH8
5
Address setup time
tAW8
5
System cycle time
tCYC8
166
Control L pulse width (
WR)
tCCLW
30
Control L pulse width (
RD)
tCCLR
70
Control H pulse width (
WR)
tCCHW
55
Control H pulse width (
RD)
tCCHR
55
Data setup time
tDS8
30
Data hold time
tDH8
10
RD Access time
tACC8
70
Output disable time
tOH8
CL = 100 pF
5
50
ns
[VDD = 3.7 to 4.5 V, Tj = –40 to +85°C]
Rated value
Parameter
Symbol
Condition
Min
Max
Unit
Address hold time
tAH8
5
Address setup time
tAW8
5
System cycle time
tCYC8
300
Control L pulse width (
WR)
tCCLW
60
Control L pulse width (
RD)
tCCLR
120
Control H pulse width (
WR)
tCCHW
60
Control H pulse width (
RD)
tCCHR
60
Data setup time
tDS8
40
Data hold time
tDH8
15
RD Access time
tACC8
140
Output disable time
tOH8
CL = 100 pF
10
100
ns
Note 1:
The input signal rise and fall times are specified as 15ns or less.
When using the system cycle time for fast speed, the specified values are (tr + tf)
≤ (t
CYC8
tCCLW – tCCHW) or (tr + tf)
≤ (t
CYC8 – tCCLR – tCCHR).
Note 2:
All timings are specified taking the levels of 20% and 80% of VDD as the reference.
Note 3:
The values of tCCLW and tCCLR are specified during the overlapping period of CS1 at “L” (CS2 =
“H”) and the “L” levels of
WR and RD, respectively.


Similar Part No. - ML9051G

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9051 OKI-ML9051 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9051G

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059 OKI-ML9059 Datasheet
534Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com