Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9044A-XXBCVWA Datasheet(PDF) 5 Page - OKI electronic componets

Part # ML9044A-XXBCVWA
Description  DOT MATRIX LCD CONTROLLER DRIVER
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9044A-XXBCVWA Datasheet(HTML) 5 Page - OKI electronic componets

  ML9044A-XXBCVWA Datasheet HTML 1Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 2Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 3Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 4Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 5Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 6Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 7Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 8Page - OKI electronic componets ML9044A-XXBCVWA Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
PEDL9044A-04
OKI Semiconductor
ML9044A-xxA/xxB
5/64
Symbol
Description
CSR
The input pin to select the transfer direction of the common signal output data.
At 1/n duty, data is transferred from COM1 to COMn when “L” is applied to this pin and
transferred from COMn to COM1 when “H” is applied to this pin.
SSR
The input pin to select the transfer direction of the segment signal output data.
“L”: Data transfer from SEG1 to SEG120
“H”: Data transfer from SEG120 to SEG1
V1 , V2, V3A, V3B, V4
The pins to output bias voltages to the LCD.
For 1/4 bias : The V2 and V3B pins are shorted.
For 1/5 bias : The V3A and V3B pins are shorted.
BE
The input pin to enable or disable the voltage multiplier circuit.
"L" disables the voltage multiplier circuit. "H" enables the voltage multiplier circuit.
The voltage multiplier circuit doubles the input voltage between VDD and VIN and the
multiplied voltage referenced to VDD is output to the V5IN pin. The voltage multiplier
circuit can be used only when generating a level lower than GND.
VIN
The pin to input voltage to the voltage multiplier.
V5, V5IN
The pins to supply the LCD drive voltage.
The LCD drive voltage is supplied to the V5 pin when the voltage multiplier is not used
(BE = “0”) and the internal contrast adjusting circuit is also not used. At this time, the
V5IN pin should be open.
The LCD drive voltage is supplied to the V5IN pin when the voltage multiplier is not used
(BE = “0”) but the internal contrast adjusting circuit is used. At this time, the V5 pin
should be open.
When the voltage multiplier is used (BE = “1”), the V5 pin should be open (the
multiplied voltage is output to the V5IN pin). In this case, the internal contrast adjusting
circuit must be used. Capacitors for the voltage multiplier should be connected
between the VDD pin and the V5IN pin.
VC
The pin to connect the positive pin of the capacitor for the voltage multiplier. Leave the
pin open when the voltage multiplier circuit is not used.
VCC
The pin to connect the negative pin of the capacitor used for the voltage multiplier.
Leave the pin open when the voltage multiplier circuit is not used.


Similar Part No. - ML9044A-XXBCVWA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9044 OKI-ML9044 Datasheet
538Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
More results

Similar Description - ML9044A-XXBCVWA

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com