Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9055A-02 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9055A-02
Description  LCD Controller/Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9055A-02 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9055A-02 Datasheet HTML 7Page - OKI electronic componets ML9055A-02 Datasheet HTML 8Page - OKI electronic componets ML9055A-02 Datasheet HTML 9Page - OKI electronic componets ML9055A-02 Datasheet HTML 10Page - OKI electronic componets ML9055A-02 Datasheet HTML 11Page - OKI electronic componets ML9055A-02 Datasheet HTML 12Page - OKI electronic componets ML9055A-02 Datasheet HTML 13Page - OKI electronic componets ML9055A-02 Datasheet HTML 14Page - OKI electronic componets ML9055A-02 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
PEDL9055A-02-01
OKI Semiconductor
ML9055A-02
11/59
Parallel Interface Timing (80-series MPU)
(VDD = 1.8 V, Tj = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Address Setup Time
tAS
0
ns
Address Hold Time
tAH
0
ns
CS, WR “L” Pulse Width for Write
tCSL
60
ns
CS, WR “H” Pulse Width for Write
tCSH
60
ns
CS, RD “L” Pulse Width for Read
tCSL
100
ns
CS, RD “H” Pulse Width for Read
tCSH
100
ns
Data Setup Time
tDS
40
ns
Data Hold Time during Write
tDH
10
ns
Data Access Time
tACC
CL = 100 pF
90
ns
Data Hold Time during Read
tOH
10
90
ns
System Write Cycle Time
tCYC
150
ns
System Read Cycle Time
tCYC
330
ns
Input Signal Rise Time (*1)
tr
15
ns
Input Signal Fall Time (*1)
tf
15
ns
(Note) (*1) Applied to all input pins.
(VDD = 2.7 V, Tj = –40 to +85°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Address Setup Time
tAS
0
ns
Address Hold Time
tAH
0
ns
CS, WR “L” Pulse Width for Write
tCSL
40
ns
CS, WR “H” Pulse Width for Write
tCSH
40
ns
CS, RD “L” Pulse Width for Read
tCSL
60
ns
CS, RD “H” Pulse Width for Read
tCSH
60
ns
Data Setup Time
tDS
30
ns
Data Hold Time during Write
tDH
5
ns
Data Access Time
tACC
CL = 100 pF
50
ns
Data Hold Time during Read
tOH
10
50
ns
System Write Cycle Time
tCYC
150
ns
System Read Cycle Time
tCYC
166
ns
Input Signal Rise Time (*1)
tr
15
ns
Input Signal Fall Time (*1)
tf
15
ns
(Note) (*1) Applied to all input pins.


Similar Part No. - ML9055A-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9051 OKI-ML9051 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9055A-02

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A31W65132 AMICC-A31W65132 Datasheet
627Kb / 41P
   LCD Controller-Driver
logo
Sanyo Semicon Device
LC7985NA SANYO-LC7985NA Datasheet
670Kb / 30P
   LCD Controller/Driver
logo
NXP Semiconductors
PCF2105 PHILIPS-PCF2105 Datasheet
289Kb / 48P
   LCD controller/driver
1998 Jul 30
logo
Sanyo Semicon Device
LC7986C SANYO-LC7986C Datasheet
712Kb / 32P
   LCD Controller/Driver?
logo
Seiko Instruments Inc
S-4544A SII-S-4544A Datasheet
2Mb / 38P
   LCD Controller-Driver
logo
Motorola, Inc
PCF2104X MOTOROLA-PCF2104X Datasheet
269Kb / 56P
   LCD controller/driver
logo
AMIC Technology
A31W33128 AMICC-A31W33128 Datasheet
359Kb / 34P
   LCD Controller-Driver
logo
HYCON Technology Corpor...
HY2613 HYCON-HY2613 Datasheet
1Mb / 59P
   LCD Controller Driver
logo
Seiko Instruments Inc
S-4562A SII-S-4562A Datasheet
937Kb / 14P
   LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
SPL10A ETC-SPL10A Datasheet
279Kb / 24P
   7.5KB LCD CONTROLLER/DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com