Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9059 Datasheet(PDF) 45 Page - OKI electronic componets

Part # ML9059
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9059 Datasheet(HTML) 45 Page - OKI electronic componets

Back Button ML9059 Datasheet HTML 41Page - OKI electronic componets ML9059 Datasheet HTML 42Page - OKI electronic componets ML9059 Datasheet HTML 43Page - OKI electronic componets ML9059 Datasheet HTML 44Page - OKI electronic componets ML9059 Datasheet HTML 45Page - OKI electronic componets ML9059 Datasheet HTML 46Page - OKI electronic componets ML9059 Datasheet HTML 47Page - OKI electronic componets ML9059 Datasheet HTML 48Page - OKI electronic componets ML9059 Datasheet HTML 49Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 72 page
background image
PEDL9059-02
OKI Semiconductor
ML9059
45/72
ADC Select (Segment driver direction select) (Write)
Using this command it is possible to reverse the relationship of correspondence between the column address of the
display data RAM and the segment driver output. It is possible to reverse the sequence of the segment driver
output pin by the command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Forward
0
1
0
1
0
0
0
0
0
Reverse
0
1
0
1
0
0
0
0
1
Forward/Reverse Display Mode (Write)
It is possible to toggle the display on and off condition without changing the contents of the display data RAM. In
this case, the contents of the display data RAM will be retained.
A0
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
RAM Data
Forward
0
1
0
1
0
0
1
1
0
Display on when “H”
Reverse
0
1
0
1
0
0
1
1
1
Display on when “L”
LCD Display All-on ON/OFF (Write)
Using this command, it is possible to forcibly turn ON all the dots in the display irrespective of the contents of the
display data RAM. In this case, the contents of the display data RAM will be retained.
This command is given priority over the Forward/reverse display mode command.
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
All-on display OFF
(Normal display)
0
1
0
1
0
0
1
0
0
All-on display ON
0
1
0
1
0
0
1
0
1
The power save mode will be entered into when the Display all-on ON command is executed in the display OFF
condition.
LCD Bias Set (Write)
This command is used for selecting the bias ratio of the voltage necessary for driving the LCD device or panel.
LCD bias
A0
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1/8 bias
0
1
0
1
0
0
0
1
0
1/6 bias
0
1
0
1
0
0
0
1
1


Similar Part No. - ML9059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9059

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com