Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9059 Datasheet(PDF) 66 Page - OKI electronic componets

Part # ML9059
Description  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9059 Datasheet(HTML) 66 Page - OKI electronic componets

Back Button ML9059 Datasheet HTML 62Page - OKI electronic componets ML9059 Datasheet HTML 63Page - OKI electronic componets ML9059 Datasheet HTML 64Page - OKI electronic componets ML9059 Datasheet HTML 65Page - OKI electronic componets ML9059 Datasheet HTML 66Page - OKI electronic componets ML9059 Datasheet HTML 67Page - OKI electronic componets ML9059 Datasheet HTML 68Page - OKI electronic componets ML9059 Datasheet HTML 69Page - OKI electronic componets ML9059 Datasheet HTML 70Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 72 page
background image
PEDL9059-02
OKI Semiconductor
ML9059
66/72
REFERENCE DATA
OPEN
R
VIN
VSS
VOUT
+
VC6+
VC4+
VS2
VS1
VC5+
VC3+
+
+
VIN=4.8V
C1
I LOAD
C1
C1
R
R
R
R
R
R
R
Equivalent circuit to 3-time voltage multiplier with trace resistances external to COG-mounted chip
ML9059 Chip
6
7
8
9
10
11
12
13
14
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
R=0Ω
R=100Ω
R=200Ω
ML9059 voltage multiplier load characteristics
- Load current dependency at 3-time multiplication
Evaluation
Conditions
Tj=90
°C
Voltage multiplier
Capacitor
C1=1
µF
VIN=4.8V, 3-time
multiplication
Only a voltage
multiplier circuit
operates by power
control set command
“2C”
Load current ILoad [mA]


Similar Part No. - ML9059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results

Similar Description - ML9059

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9058 OKI-ML9058 Datasheet
589Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
LAPIS Semiconductor Co....
ML9059E LAPIS-ML9059E Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
FEDL9058E-01 ETC2-FEDL9058E-01 Datasheet
439Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9051G OKI-ML9051G Datasheet
526Kb / 74P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
ML9058E ETC2-ML9058E Datasheet
591Kb / 76P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
ML9059E ETC2-ML9059E Datasheet
561Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
OKI electronic componet...
ML9050 OKI-ML9050 Datasheet
472Kb / 71P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
logo
List of Unclassifed Man...
FEDL9059E-01 ETC2-FEDL9059E-01 Datasheet
410Kb / 72P
   132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com