Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7910F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN7910F
Description  3-pin Negative Output Voltage Regulators 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7910F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN7910F Datasheet HTML 1Page - Panasonic Semiconductor AN7910F Datasheet HTML 2Page - Panasonic Semiconductor AN7910F Datasheet HTML 3Page - Panasonic Semiconductor AN7910F Datasheet HTML 4Page - Panasonic Semiconductor AN7910F Datasheet HTML 5Page - Panasonic Semiconductor AN7910F Datasheet HTML 6Page - Panasonic Semiconductor AN7910F Datasheet HTML 7Page - Panasonic Semiconductor AN7910F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
s Overview
The AN7900T/AN7900F series is 3-pin fixed negative
output type monolithic voltage regulators.
A stabilized fixed negative output voltage is obtained from
an unstable DC input voltage without using any external
parts. Eleven types of fixed output voltage are available
from –5V through –10V, –12V, –15V, –18V, –20V, and
–24V. They can be used widely as power circuits with a
current capacitance of up to 1A.
s Features
• No external components
• Output voltage : –5V, –6V, –7V, –8V, –9V, –10V,
–12V, –15V, –18V, –20V, –24V
• Overcurrent limit circuit built-in
• Thermal over-load protection built-in
• Area of safe operation (ASO) circuit built-in
AN7900T/AN7900F Series
3-pin Negative Output Voltage Regulators (1A Type)
s Block Diagram
1
3
2
Common
Output
Input
Starter
Voltage
Reference
Error Amp.
+
R1
Q1
Pass Tr.
RSC
Current
Limiter
Thermal
Protection
R2
Unit : mm
AN7900F Series
1.4
±0.2
TO-220 Full Pack Package (HSIP003-P-0000A)
10.5
±0.3
2.77
±0.3
(1.73)
12
3
ø5.3
ø3.1
±0.1
(4.3)
2.5
±0.25
4.5
±0.3
1 : Common
2 : Input
3 : Output
2.0
±0.25
0.8
±0.2
(0.4)
2.54
0.4
+0.1
– 0.05
Unit : mm
AN7900T Series
10.4
±0.5
1.4
±0.1
1.4
±0.25
ø3.7
10.5
±0.5
2.54
0.45
1 : Common
2 : Input
3 : Output
2.5
±0.25
+0.1
– 0.05
123
4.5
±0.3
JEDEC: TO-220AB (HSIP003-P-0000)
0.8
±0.2


Similar Part No. - AN7910F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7912 ETC2-AN7912 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN7915 ETC2-AN7915 Datasheet
2Mb / 31P
   SEMICONDUCTORS
AN7918 ETC2-AN7918 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7910F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com