Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9207-XX Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9207-XX
Description  5 X 7 Dot Character24-Digit Display Controller/Driver with Character RAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9207-XX Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9207-XX Datasheet HTML 5Page - OKI electronic componets ML9207-XX Datasheet HTML 6Page - OKI electronic componets ML9207-XX Datasheet HTML 7Page - OKI electronic componets ML9207-XX Datasheet HTML 8Page - OKI electronic componets ML9207-XX Datasheet HTML 9Page - OKI electronic componets ML9207-XX Datasheet HTML 10Page - OKI electronic componets ML9207-XX Datasheet HTML 11Page - OKI electronic componets ML9207-XX Datasheet HTML 12Page - OKI electronic componets ML9207-XX Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
FEDL9207-02
OKI Semiconductor
ML9207-xx
9/35
DC Characteristics-2
(VDD, VDISP = 3.3 V
±10%, VFL = –60 V, Ta = –40 to +85°C, unless otherwise specified)
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input
Voltage
VIH
CS, CP, DA,
RESET
0.8 VDD
V
Low Level Input
Voltage
VIL
CS, CP, DA,
RESET
0.2 VDD
V
High Level Input
Current
IIH
CS, CP, DA,
RESET
VIH = VDD
–1.0
+1.0
µA
Low Level Input
Current
IIL
CS, CP, DA,
RESET
VIL = 0.0 V
–1.0
+1.0
µA
VOH1
COM1 to 24
IOH1 = –50.0 mA
VDISP
–2.0
V
VOH2
AD1 to AD4
IOH2 = –10.0 mA
VDISP
–1.5
V
VOH3
SEG1 to 35
IOH3 = –5.0 mA
VDISP
–1.5
V
High Level Output
Voltage
VOH4
P1 to P4
IOH4 = –1.0 mA
VDD
–1.0
V
VOL1
COM1 to 24
AD1 to AD4
SEG1 to 35
VFL+1.0
V
Low Level Output
Voltage
VOL2
P1 to P4
IOL1 = 1 mA
1.0
V
IDD1
Duty = 960/1024
Digit = 1 to 24
All output lights
ON
5
mA
Supply Current
IDD2
VDD, VDISP
fOSC =
4 MHz,
no load
Duty = 0/1024
Digit = 1 to 9
All output lights
OFF
4
mA


Similar Part No. - ML9207-XX

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ML920 PANASONICBATTERY-ML920 Datasheet
38Kb / 1P
   Manganese Lithium Coin Batteries
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
   5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9203-XX OKI-ML9203-XX Datasheet
388Kb / 31P
   5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
ML9204 OKI-ML9204 Datasheet
288Kb / 41P
   5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
ML9204-XX OKI-ML9204-XX Datasheet
288Kb / 41P
   5 X 7 Dot Character X 24-Digit X 2-Line Display Controller/Driver with Character RAM (Built-in Key Scan)
More results

Similar Description - ML9207-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
LAPIS Semiconductor Co....
ML9208-XX LAPIS-ML9208-XX Datasheet
262Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
FEDL9208-02 ETC2-FEDL9208-02 Datasheet
262Kb / 33P
   7 Dot Character ??16-Digit Display Controller/Driver with Character RAM
logo
Princeton Technology Co...
PT6301 PTC-PT6301 Datasheet
75Kb / 4P
   5 x 7 Dot Character x 20-Digit x 2-Line Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
   5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com