Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML9226 Datasheet(PDF) 11 Page - OKI electronic componets

Part # ML9226
Description  32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9226 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button ML9226 Datasheet HTML 7Page - OKI electronic componets ML9226 Datasheet HTML 8Page - OKI electronic componets ML9226 Datasheet HTML 9Page - OKI electronic componets ML9226 Datasheet HTML 10Page - OKI electronic componets ML9226 Datasheet HTML 11Page - OKI electronic componets ML9226 Datasheet HTML 12Page - OKI electronic componets ML9226 Datasheet HTML 13Page - OKI electronic componets ML9226 Datasheet HTML 14Page - OKI electronic componets ML9226 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FEDL9226-01
OKI Semiconductor
ML9226
11/26
Keyscan Characteristics
(Ta = –40 to +85°C, VDISP = 8.0 to 18.5 V)
Parameter
Condition
Min.
Typ.
Max.
Unit
Keyscan Cycle Time
R = 10 k
Ω ±5%, Co = 27 pF ±5%
160
194
246
µs
Keyscan Pulse Width
R = 10 k
Ω ±5%, Co = 27 pF ±5%
32
39
49
µs
Rotary switch characteristic
(Ta = –40 to +85°C, VDISP = 8.0 to 18.5 V)
Parameter
Sign
Condition
Min.
Typ.
Max.
Unit
Phase input time
tABW
Phase input fixed time
tABH
R = 10 k
Ω ±5%, C
O = 27 pF ±5%
950
µs
Rotary switch input timing
A
B
Keyscan Timing
ROW1
ROW5
ROW2
ROW3
ROW4
Keyscan Cycle Time
Keyscan Pulse
Width
tABW
tABW
tABW
tABW
tABH
tABH


Similar Part No. - ML9226

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ML922 ZARLINK-ML922 Datasheet
350Kb / 4P
   REMOTE CONTROL RECEIVER
logo
OKI electronic componet...
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9222GA OKI-ML9222GA Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
ML9227GA OKI-ML9227GA Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
More results

Similar Description - ML9226

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9222 OKI-ML9222 Datasheet
241Kb / 25P
   32-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
ML9228 OKI-ML9228 Datasheet
170Kb / 25P
   82-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, Keyscan
ML9227 OKI-ML9227 Datasheet
342Kb / 26P
   27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Key scan
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
   32-Bit Duplex/Triplex VF Controller/Driver with Digital Dimming
logo
OKI electronic componet...
MSC1200-01 OKI-MSC1200-01 Datasheet
218Kb / 26P
   30-Bit Duplex Controller/Driver with Digital/Analog Dimming and Keyscan Functions
MSC1208 OKI-MSC1208 Datasheet
111Kb / 14P
   23-bit x 2 Duplex Controller/Driver with Digital Dimming and Keyscan Function
MSC1205 OKI-MSC1205 Datasheet
130Kb / 15P
   32-Bit Duplex Controller/Driver with Digital Dimming Function
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
   56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com