Electronic Components Datasheet Search |
|
ML9371 Datasheet(PDF) 3 Page - OKI electronic componets |
|
ML9371 Datasheet(HTML) 3 Page - OKI electronic componets |
3 / 11 page PEDL9371-01 OKI Semiconductor ML9371 3/11 PIN DESCRIPTION Symbol Type Description VDISP VDD D-GND L-GND — VDISP is the cathode driver circuit power supply pin. VDD is the logic circuit power supply pin. D-GND is a ground pin for cathode driver circuit. L-GND is a ground pin for logic circuit. D-GND and L-GND should be connected outside the LSI. RES I Input pin for register initialization signal. When this pin is set low, the LSI enters the following initial setting states: • Shift register outputs (POm): all “low” (m = 1 to 64) • All cathode drive signal outputs (OUT1 to OUT64): “high impedance” F/R I Input pin for data transfer direction select signal for shift register. • When this pin is low, data is transferred starting at PO1 toward PO64. • When this pin is high, data is transferred starting at PO64 toward PO1. DATA I/O I/O Cathode scan data input-output pin. When the F/R pin is low, this pin is an input pin, and when it is high, this pin is an output pin. DATA O/I I/O Cathode scan data input-output pin. When the F/R pin is low, this pin is an output pin, and when it is high, this pin is an input pin. CLK I/O I/O Cathode scan data transfer clock input-output pin. When the F/R pin is low, this pin is an input pin, and when it is high, this pin is an output pin. CLK O/I I/O Cathode scan data transfer clock input-output pin. When the F/R pin is low, this pin is an output pin, and when it is high, this pin is an input pin. HZ I Input pin for cathode drive signal output control signal. When this pin is low, all cathode drive signal outputs (OUT1 to OUT64) are high impedance. ALL H I Input pin for cathode drive signal output control signal. When this pin is high, all cathode drive signal outputs (OUT1 to OUT64) are high. ALL L I Input pin for cathode drive signal output control signal. When this pin is high, all cathode drive signal outputs (OUT1 to OUT64) are low. TEST — Pin for production tests. Leave this pin open or connect it to L-GND. OUT 1 to 64 O Cathode drive signal output pin. |
Similar Part No. - ML9371 |
|
Similar Description - ML9371 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |