Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN77L09 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN77L09
Description  3-pin Low Power Loss Voltage Regulato (100mA Type)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77L09 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN77L09 Datasheet HTML 1Page - Panasonic Semiconductor AN77L09 Datasheet HTML 2Page - Panasonic Semiconductor AN77L09 Datasheet HTML 3Page - Panasonic Semiconductor AN77L09 Datasheet HTML 4Page - Panasonic Semiconductor AN77L09 Datasheet HTML 5Page - Panasonic Semiconductor AN77L09 Datasheet HTML 6Page - Panasonic Semiconductor AN77L09 Datasheet HTML 7Page - Panasonic Semiconductor AN77L09 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Voltage Regulators
AN77L00/AN77L00M Series
Output voltage
Input stability
Load stability
Bias current under no load
Bias current fluctuation under load
Bias current before regulation start
Ripple rejection ratio
Min. input/output voltage difference (1)
Min. input/output voltage difference (2)
Output noise voltage
Output voltage temperature coefficient
Tj=25˚C
VI=5.18 to 15.18V, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
IO= 0mA, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
VI= 4.05V, IO= 0mA, Tj=25˚C
VI=7.18 to 6.18V, f=120Hz
VI= 4.05V, IO=50mA, Tj=25˚C
VI= 4.05V, IO=100mA, Tj=25˚C
f=10Hz to 100kHz
Tj= –30 to+125˚C
4.32
58
4.5
3
10
0.9
3
1.5
68
0.12
0.23
85
0.3
4.68
60
60
1.5
5
5
0.25
0.43
Parameter
Symbol
Condition
min
typ
max
Unit
s Electrical Characteristics (Ta=25˚C)
• AN77L045/M (4.5V, 100mA Type)
Note 1) Under Tj=25˚C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at
joints of the chip may be ignored.
Note 2) VI=5.5V, IO=50mA, CO=10
µF unless otherwise specified.
VO
REGIN
REGL
Ibias
∆I
bias
Irush
RR
VDIF (min) 1
VDIF (min) 2
Vno
∆V
O/Ta
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/˚C
Output voltage
Input stability
Load stability
Bias current under no load
Bias current fluctuation under load
Bias current before regulation start
Ripple rejection ratio
Min. input/output voltage difference (1)
Min. input/output voltage difference (2)
Output noise voltage
Output voltage temperature coefficient
Tj=25˚C
VI=5.7 to 15.7V, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
IO= 0mA, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
VI= 4.5V, IO= 0mA, Tj=25˚C
VI= 5.7 to 7.7V, f=120Hz
VI= 4.5V, IO= 50mA, Tj=25˚C
VI= 4.5V, IO= 100mA, Tj=25˚C
f=10Hz to 100kHz
Tj= –30 to+125˚C
4.8
58
5
4
10
0.9
3
1.5
68
0.12
0.24
90
0.33
5.2
60
60
1.5
5
5
0.25
0.3
Parameter
Symbol
Condition
min
typ
max
Unit
• AN77L05/M (5V, 100mA Type)
Note 1) Under Tj=25˚C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at
joints of the chip may be ignored.
Note 2) VI=6V, IO=50mA, CO=10
µF unless otherwise specified.
VO
REGIN
REGL
Ibias
∆I
bias
Irush
RR
VDIF (min) 1
VDIF (min) 2
Vno
∆V
O/Ta
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/˚C
Output voltage
Input stability
Load stability
Bias current under no load
Bias current fluctuation under load
Bias current before regulation start
Ripple rejection ratio
Min. input/output voltage difference (1)
Min. input/output voltage difference (2)
Output noise voltage
Output voltage temperature coefficient
Tj=25˚C
VI= 6.74 to 16.74V, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
IO= 0mA, Tj=25˚C
IO= 0 to 100mA, Tj=25˚C
VI= 5.4V, IO= 0mA, Tj=25˚C
VI= 6.74 to 8.74V, f=120Hz
VI=5.4V, IO=50mA, Tj=25˚C
VI=5.4V, IO=100mA, Tj=25˚C
f=10Hz to 100kHz
Tj= –30 to+125˚C
5.76
56
6
4
11
0.9
3
1.5
66
0.12
0.25
105
0.4
6.24
60
60
1.5
5
5
0.25
0.46
Parameter
Symbol
Condition
min
typ
max
Unit
• AN77L06/M (6V, 100mA Type)
Note 1) Under Tj=25˚C, each test duration can be set short (within 10ms) and the characteristic drift with temperature rise at
joints of the chip may be ignored.
Note 2) VI=7V, IO=50mA, CO=10
µF unless otherwise specified.
VO
REGIN
REGL
Ibias
∆I
bias
Irush
RR
VDIF (min) 1
VDIF (min) 2
Vno
∆V
O/Ta
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/˚C


Similar Part No. - AN77L09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L09 PANASONIC-AN77L09 Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
AN77L09M PANASONIC-AN77L09M Datasheet
195Kb / 10P
   3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
More results

Similar Description - AN77L09

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
Rohm
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Unisonic Technologies
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com