Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDTA113ZLT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LDTA113ZLT1
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LDTA113ZLT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LDTA113ZLT1 Datasheet HTML 1Page - Leshan Radio Company LDTA113ZLT1 Datasheet HTML 2Page - Leshan Radio Company LDTA113ZLT1 Datasheet HTML 3Page - Leshan Radio Company LDTA113ZLT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/4
LRC
LESHAN RADIO COMPANY,LTD.
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Limits
Parameter
Symbol
VCC
−50
−5∼+10
−100
−100
225
150
−55∼+150
V
V
mA
mW
°C
°C
VIN
IO
IC(Max.)
Pd
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−3
0.7
33
8
1
10
250
−0.3
−0.3
−7.2
−0.5
1.3
12
V
VCC=
−5V, IO= −100µA
VO=
−0.3V, IO= −20mA
IO/II=
−10mA/−0.5mA
VI=
−5V
VCC=
− 50V, VI=0V
VO=5V, IO=5mA
VCE=
−10V, IE= − 5mA, f=100MHz
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device
LDTA113ZLT1


Similar Part No. - LDTA113ZLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA113ZET1G LRC-LDTA113ZET1G Datasheet
312Kb / 3P
   Bias Resistor Transistor
LDTA113ZET1G LRC-LDTA113ZET1G_15 Datasheet
312Kb / 3P
   Bias Resistor Transistor
LDTA113ZET3G LRC-LDTA113ZET3G Datasheet
312Kb / 3P
   Bias Resistor Transistor
More results

Similar Description - LDTA113ZLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com