Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN7915F Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN7915F
Description  3-pin Negative Output Voltage Regulators 1A Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7915F Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN7915F Datasheet HTML 1Page - Panasonic Semiconductor AN7915F Datasheet HTML 2Page - Panasonic Semiconductor AN7915F Datasheet HTML 3Page - Panasonic Semiconductor AN7915F Datasheet HTML 4Page - Panasonic Semiconductor AN7915F Datasheet HTML 5Page - Panasonic Semiconductor AN7915F Datasheet HTML 6Page - Panasonic Semiconductor AN7915F Datasheet HTML 7Page - Panasonic Semiconductor AN7915F Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
VO
–10.4
V
–10
VO
V
REGIN
200
mV
8
mV
REGL
mV
12
mV
mA
2.5
2.5
Ibias
mA
mA
64
Vno
dB
1
0.5
100
–10.5
200
100
5
56
–9.6
–9.5
RR
V
1.1
A
2.1
4
71
– 0.7
typ
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
max
Unit
VI
=–12.5 to –25V,
IO
=5mA to 1A, P
D
*
VI
=–12.5 to –27V, T
j
=25˚C
IO
=5mA to 1.5A, T
j
=25˚C
IO
=250 to 750mA, T
j
=25˚C
VI
=–13 to –19V, T
j
=25˚C
Tj
=25˚C
VI
=–12.5 to –27V, T
j
=25˚C
µV
IO
=5mA to 1A, T
j
=25˚C
f
=10Hz to 100kHz, Ta=25˚C
VI
=–13 to –23V, I
O
=100mA, f=120Hz
IO
=1A, T
j
=25˚C
Tj
=25˚C
IO
=5mA, T
j
=0 to 125˚C
Tj
=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj
=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) Unless otherwise specified, VI
=–16V, I
O
=500mA, C
I
=2µF, C
O
=1µF, T
j
=0 to 125˚C
* AN7900T series : 15W, AN7900F series : 10.25W
s Electrical Characteristics (Ta
=25˚C) (continued)
• AN7910T/AN7910F (–10V Type)
<
=
VO
–12.5
V
–12
VO
V
REGIN
240
mV
10
mV
REGL
mV
12
mV
mA
2.5
3
Ibias
mA
mA
75
Vno
dB
1
0.5
120
–12.6
240
120
5
55
–11.5
–11.4
RR
V
1.1
A
2.1
4
70
– 0.8
typ
Output voltage
Output voltage tolerance
Line regulation
Load regulation
Bias current
Input bias fluctuation
Load bias current fluctuation
Output noise voltage
Ripple rejection ratio
Minimum input/output voltage difference
Peak output current
Output voltage temperature coefficient
Parameter
Symbol
Condition
min
max
Unit
VI
=–14.5 to –27V,
IO
=5mA to 1A, P
D
*
VI
=–14.5 to –30V, T
j
=25˚C
IO
=5mA to 1.5A, T
j
=25˚C
IO
=250 to 750mA, T
j
=25˚C
VI
=–16 to –22V, T
j
=25˚C
Tj
=25˚C
VI
=–14.5 to –30V, T
j
=25˚C
µV
IO
=5mA to 1A, T
j
=25˚C
f
=10Hz to 100kHz, Ta=25˚C
VI
=–15 to –25V, I
O
=100mA, f=120Hz
IO
=1A, T
j
=25˚C
Tj
=25˚C
IO
=5mA, T
j
=0 to 125˚C
Tj
=25˚C
∆I
bias (IN)
∆I
bias (L)
VDIF (min.)
IO (Peak)
mV/˚C
∆V
O/Ta
Note 1) The specified condition Tj
=25˚C means that the test should be carried out with the test time so short (within 10ms) that the
drift in characteristic value due to the rise in chip junction temperature can be ignored.
Note 2) Unless otherwise specified, VI
=–19V, I
O
=500mA, C
I
=2µF, C
O
=1µF, T
j
=0 to 125˚C
* AN7900T series : 15W, AN7900F series : 10.25W
• AN7912T/AN7912F (–12V Type)
<
=


Similar Part No. - AN7915F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN7915 ETC2-AN7915 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - AN7915F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
logo
Fairchild Semiconductor
LM79XX FAIRCHILD-LM79XX Datasheet
194Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7909 HUASHAN-H7909 Datasheet
211Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
H7912 ETC2-H7912 Datasheet
162Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7905 HUASHAN-H7905 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7915 HUASHAN-H7915 Datasheet
220Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7906 HUASHAN-H7906 Datasheet
216Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX Datasheet
117Kb / 15P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
logo
SHANTOU HUASHAN ELECTRO...
H7924 HUASHAN-H7924 Datasheet
219Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
H7912 HUASHAN-H7912 Datasheet
217Kb / 3P
   3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com