Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM8D-100L Datasheet(PDF) 2 Page - Protek Devices

Part # EM8D-100L
Description  EMI FILTER/TVS ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

EM8D-100L Datasheet(HTML) 2 Page - Protek Devices

  EM8D-100L Datasheet HTML 1Page - Protek Devices EM8D-100L Datasheet HTML 2Page - Protek Devices EM8D-100L Datasheet HTML 3Page - Protek Devices EM8D-100L Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05223.R2 1/06
EM8D-100L
DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-40°C to 85°C
UNITS
T
J
TSTG
PARAMETER
Storage Temperature
DC Power Per Resistor
mW
100
P
Typical Resistance @ ± 15%
OHMS
100
R
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
FIGURE 1
INSERTION LOSS
Frequency (MHz)
0 Volts
2.5 Volts
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
25
TYPICAL
CAPACITANCE
PER LINE
(See Note 1)
@2.5V, 1MHz
C
pF
150
20
CUT-OFF
FREQUENCY
(50 OHMS I/O)
ZERO BIAS
fc
MHz
Note 1: ±20% tolerance.
0.8
TYPICAL
FORWARD
VOLTAGE
@10mA
V
F
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
@ 3V
I
D
µA
0.1
6.0
5.0
M8D 10L
EM8D-100L
PART
NUMBER
DEVICE
MARKING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MINIMUM
ATTENUATION
@
800-3000 MHz
dB


Similar Part No. - EM8D-100L

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM8D-100L PROTEC-EM8D-100L Datasheet
743Kb / 7P
   emi filter/tvs array
EM8D-100L PROTEC-EM8D-100L_11 Datasheet
743Kb / 7P
   emi filter/tvs array
EM8D-100L PROTEC-EM8D-100L_12 Datasheet
746Kb / 7P
   EMI FILTER/TVS ARRAY
More results

Similar Description - EM8D-100L

ManufacturerPart #DatasheetDescription
logo
Protek Devices
EM02-100 PROTEC-EM02-100 Datasheet
80Kb / 4P
   EMI FILTER/TVS ARRAY
EM4DLP-100L PROTEC-EM4DLP-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
EM6D-100-4D PROTEC-EM6D-100-4D Datasheet
83Kb / 4P
   EMI FILTER/TVS ARRAY
EMIF4-100LFC PROTEC-EMIF4-100LFC_07 Datasheet
88Kb / 5P
   EMI FILTER/TVS ARRAY
EMIF6-100LFC PROTEC-EMIF6-100LFC_07 Datasheet
96Kb / 5P
   EMI FILTER/TVS ARRAY
EM6D100L PROTEC-EM6D100L Datasheet
88Kb / 4P
   EMI FILTER/TVS ARRAY
EMF01-100 PROTEC-EMF01-100 Datasheet
95Kb / 4P
   EMI FILTER/TVS ARRAY
EM4D-100L PROTEC-EM4D-100L_11 Datasheet
744Kb / 7P
   emi filter/tvs array
EM4DLP-100L PROTEC-EM4DLP-100L_11 Datasheet
746Kb / 7P
   emi filter/tvs array
EM1631-08DSLP PROTEC-EM1631-08DSLP Datasheet
635Kb / 7P
   emi filter/tvs array
EM4D-100L PROTEC-EM4D-100L Datasheet
74Kb / 4P
   EMI FILTER/TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com