Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT2369LT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LMBT2369LT1
Description  Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT2369LT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LMBT2369LT1 Datasheet HTML 1Page - Leshan Radio Company LMBT2369LT1 Datasheet HTML 2Page - Leshan Radio Company LMBT2369LT1 Datasheet HTML 3Page - Leshan Radio Company LMBT2369LT1 Datasheet HTML 4Page - Leshan Radio Company LMBT2369LT1 Datasheet HTML 5Page - Leshan Radio Company LMBT2369LT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT2369LT1–3/6
LMBT2369LT1
LMBT2369ALT1
SWITCHING TIME EQUIVALENT TEST CIRCUITS FOR 2N2369, 2N3227
Figure 1. t
on Circuit — 10 mA
+10.6 V
–1.5 V
0
t
1
< 1 ns
PULSE WIDTH (t
1 ) = 300 ns
DUTY CYCLE = 2%
3 V
270
3.3 k
C s * < 4 pF
+10.75V
–9.15 V
0
t
1
< 1 ns
PULSE WIDTH (t
1 ) = 300 ns
DUTY CYCLE = 2%
3 V
270
3.3 k
C s * < 4 pF
+10.8 V
–2 V
0
t
1
< 1 ns
PULSE WIDTH (t
1 ) = 300 ns
DUTY CYCLE = 2%
10V
95
1 k
C s * < 12 pF
+11.4 V
–8.6 V
0
t
1
< 1 ns
PULSE WIDTH (t
1 ) BETWEEN
10AND 500
µs
DUTY CYCLE = 2%
10V
95
1 k
C s * < 12 pF
1N916
Figure 3. t
off Circuit — 10 mA
Figure 2. t
on Circuit — 100 mA
Figure 4. t
off Circuit — 100 mA
Figure 5. Turn–On and Turn–Off Time Test Circuit
TURN–OFF WAVEFORMS
V
out
90%
10%
V
in
0
t
on
V
in
3.3 k
50
220
50
0.1
µF
V out
3.3 k
0.0023
µF
0.0023
µF
0.005
µF
0.005
µF
0.1
µF
0.1
µF
V
BB
V
CC = 3 V
TURN–ON WAVEFORMS
PULSE GENERATOR
V
in RISE TIME < 1 ns
SOURCE IMPEDANCE = 50
PW > 300 ns
DUTY CYCLE < 2%
V
BB = +12 V
V
in = –15 V
TO OSCILLOSCOPE
INPUT IMPEDANCE = 50
RISE TIME = 1 ns
V
out
90%
10%
V
in
0
t
off
LIMIT
TYPICAL
I C , COLLECTOR CURRENT (mA)
Figure 7. Typical Switching Times
REVERSE BIAS (VOLTS)
Figure 6. Junction Capacitance Variations
C ob
C ib
T J = 25°C
6
5
4
3
2
1
0.1
0.2
0.5
1.0
2.0
5.0
10
1
2
5
10
20
50
100
100
50
20
10
5
2
β
F = 10
V CC = 10 V
V OB = 2 V
V CC = 10 V
t r
t f
t r (V CC = 3 V)
t d
t s


Similar Part No. - LMBT2369LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2369LT1G LRC-LMBT2369LT1G Datasheet
292Kb / 6P
   Switching Transistors
More results

Similar Description - LMBT2369LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS3638 MOTOROLA-MPS3638 Datasheet
321Kb / 8P
   Switching Transistors
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
   Switching Transistors
logo
New Jersey Semi-Conduct...
2N3996 NJSEMI-2N3996 Datasheet
87Kb / 1P
   SWITCHING TRANSISTORS
logo
WILLAS ELECTRONIC CORP
MMBT2369(A)LT1 WILLAS-MMBT2369(A)LT1 Datasheet
386Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MPS2369 MOTOROLA-MPS2369 Datasheet
97Kb / 4P
   Switching Transistors
logo
ON Semiconductor
MMBT2369LT1G ONSEMI-MMBT2369LT1G_09 Datasheet
195Kb / 6P
   Switching Transistors
September, 2009 ??Rev. 7
logo
Guangdong Kexin Industr...
FMMT3903 KEXIN-FMMT3903 Datasheet
37Kb / 2P
   Switching Transistors
logo
Leshan Radio Company
LMBT2369LT1G LRC-LMBT2369LT1G Datasheet
292Kb / 6P
   Switching Transistors
logo
Motorola, Inc
MMBT2369LT1 MOTOROLA-MMBT2369LT1 Datasheet
304Kb / 8P
   Switching Transistors
logo
Comset Semiconductor
BSX62 COMSET-BSX62 Datasheet
78Kb / 3P
   SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
FMMT4126 KEXIN-FMMT4126 Datasheet
37Kb / 2P
   Switching Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com