Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT3904LT1 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LMBT3904LT1
Description  General Purpose Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904LT1 Datasheet(HTML) 5 Page - Leshan Radio Company

  LMBT3904LT1 Datasheet HTML 1Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 2Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 3Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 4Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 5Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 6Page - Leshan Radio Company LMBT3904LT1 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904LT1-5/7
h PARAMETERS
(V CE = 10 Vdc, f = 1.0 kHz, T A = 25°C)
V CE = 1.0 V
LMBT3904LT1
TYPICAL STATIC CHARACTERISTICS
I C , COLLECTOR CURRENT (mA)
Figure 11. Current Gain
I C , COLLECTOR CURRENT (mA)
Figure 12. Output Admittance
I C , COLLECTOR CURRENT (mA)
Figure 13. Input Impedance
I C , COLLECTOR CURRENT (mA)
Figure 14. Voltage Feedback Ratio
I C , COLLECTOR CURRENT (mA)
Figure 15. DC Current Gain
T J = +125°C
+25°C
–55°C
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
300
200
100
70
50
30
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
100
50
20
10
5
2
1
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
20
10
5.0
2.0
1.0
0.5
0.2
0.1
0.2
0.3
0.5
1.0
2.0
3.0
5.0
10
10
7.0
5.0
3.0
2.0
1.0
0.7
0.5
0.1
0.2
0.3
0.5
0.7
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
100
200
2.0
1.0
0.7
0.5
0.3
0.2
0.1


Similar Part No. - LMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
LMBT3904LT1G ISC-LMBT3904LT1G Datasheet
331Kb / 3P
   isc Silicon NPN RF Transistor
logo
Leshan Radio Company
LMBT3904LT1G LRC-LMBT3904LT1G_15 Datasheet
648Kb / 7P
   General Purpose Transistor
More results

Similar Description - LMBT3904LT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com