Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT3904WT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBT3904WT1G
Description  General Purpose Transistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3904WT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBT3904WT1G Datasheet HTML 1Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 2Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 3Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 4Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 5Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 6Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 7Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 8Page - Leshan Radio Company LMBT3904WT1G Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMBT3904/6WT1-2/11
ELECTRICAL CHARACTERISTICS (T A =2
5°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (2)
(I C = 1.0 mAdc, I B = 0)
LMBT3904WT1
V (BR)CEO
40
Vdc
(I C = –1.0 mAdc, I B = 0)
LMBT3906WT1
– 40
Collector–Base Breakdown Voltage
(I C = 10
µAdc, I E = 0)
LMBT3904WT1
V(BR)CBO
60
Vdc
(I C = –10
µAdc, I E = 0)
LMBT3906WT1
– 40
Emitter–Base Breakdown Voltage
(IE= 10
µAdc, I C = 0)
LMBT3904WT1
V(BR)EBO
6.0
Vdc
(I E = –10
µAdc, I C = 0)
LMBT3906WT1
– 5.0
Base Cutoff Current
(V CE = 30 Vdc, V EB = 3.0 Vdc)
LMBT3904WT1
I BL
50
nAdc
(V CE = –30 Vdc, V EB = –3.0 Vdc)
LMBT3906WT1
-50
Collector Cutoff Current
(V CE = 30 Vdc, V EB = 3.0 Vdc)
LMBT3904WT1
I CEX
50
nAdc
(V CE = –30 Vdc, V EB = –3.0 Vdc)
LMBT3906WT1
– 50
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum recommended footprint.
2. Pulse Test: Pulse Width <300
µs; Duty Cycle <2.0%.
NPN LMBT3904WT1
PNP LMBT3906WT1


Similar Part No. - LMBT3904WT1G

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LMBT3904WT1G LEIDITECH-LMBT3904WT1G Datasheet
807Kb / 5P
   General Purpose Transistors NPN Sili
logo
Leshan Radio Company
LMBT3904WT1G LRC-LMBT3904WT1G Datasheet
419Kb / 5P
   General Purpose Transistors NPN Silicon
R ev.C Jun. 2019
LMBT3904WT1G LRC-LMBT3904WT1G_15 Datasheet
1Mb / 6P
   General Purpose Transistors
LMBT3904WT1G LRC-LMBT3904WT1G_V01 Datasheet
419Kb / 5P
   General Purpose Transistors NPN Silicon
R ev.C Jun. 2019
More results

Similar Description - LMBT3904WT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com