Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8041S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN8041S
Description  Liquid crystal backlight control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8041S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN8041S Datasheet HTML 1Page - Panasonic Semiconductor AN8041S Datasheet HTML 2Page - Panasonic Semiconductor AN8041S Datasheet HTML 3Page - Panasonic Semiconductor AN8041S Datasheet HTML 4Page - Panasonic Semiconductor AN8041S Datasheet HTML 5Page - Panasonic Semiconductor AN8041S Datasheet HTML 6Page - Panasonic Semiconductor AN8041S Datasheet HTML 7Page - Panasonic Semiconductor AN8041S Datasheet HTML 8Page - Panasonic Semiconductor AN8041S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Voltage Regulators
AN8041S
Pin No.
Equivalent circuit
Description
I/O
4
DTC:
The terminal for connecting a resistor and ca-
pacitor to set the dead-time and soft start period
of PWM output. Input current IDTC is determined
by the timing resistor RT , so that dispersion and
fluctuation with temperature are suppressed. It
is approx.
−12.3 µA when R
T = 15 kΩ.
IDTC =
VRT × 1 [A]
RT
2
5
S.C.P.:
The terminal for connecting a capacitor to set the
time constant of soft start and timer latch short-
circuit protection circuit.
Use a capacitance value in the range of more than
1 000 pF.
The charge current ICHG is determined by the
timing resistor RT , so that dispersion and fluc-
tuation with temperature are suppressed. It is
approx.
−1.3 µA when R
T = 15 kΩ.
ICHG =
VRT × 1 [A]
RT
11
6IN
+1:
I
The noninverted input terminal of the error am-
plifier 1.
For common-mode input, use in the range of
− 0.1 V to +0.8 V.
7IN
−1:
I
The inverted input terminal of the error ampli-
fier 1.
For common-mode input, use in the range of
− 0.1 V to +0.8 V.
8
FB1:
O
The output terminal of the error amplifier 1.
Source current : approx.
−120 µA
Sink current
: approx. 8 mA
Correct the frequency characteristics of the gain
and the phase by connecting a resistor and a ca-
pacitor between this terminal and IN
−1 terminal.
9
FB2:
O
The output terminal of the error amplifier 2.
Source current : approx.
−120 µA
Sink current
: approx. 8 mA
Correct the frequency characteristics of the gain
and the phase by connecting a resistor and a ca-
pacitor between this terminal and IN
−2 terminal.
s Terminal Equivalent Circuits (continued)
Q
S
Latch
0.75 V
R
VREF
ICHG
To U.V.L.O.
5
VREF
6
7
VREF
8
Source current
Sink current
VREF
9
Source current
Sink current
VREF
PWM
comparator
input
IDTC
CDTC
RDTC
4
RT


Similar Part No. - AN8041S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN804 VISHAY-AN804 Datasheet
44Kb / 4P
   P-Channel MOSFETs, the Best Choice for High-Side Switching
10-Mar-97
logo
Panasonic Semiconductor
AN8045 PANASONIC-AN8045 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8045M PANASONIC-AN8045M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8049 PANASONIC-AN8049 Datasheet
170Kb / 23P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049 PANASONIC-AN8049 Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
More results

Similar Description - AN8041S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTS2005 KEXIN-KTS2005 Datasheet
46Kb / 2P
   Liquid Crystal Display Backlight Drive Applications
logo
Sanyo Semicon Device
FTS2005 SANYO-FTS2005 Datasheet
40Kb / 4P
   Liquid Crystal Display Backlight Drive Applications
logo
Motorola, Inc
MC34270 MOTOROLA-MC34270 Datasheet
367Kb / 12P
   LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
logo
ON Semiconductor
MC34271 ONSEMI-MC34271 Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
logo
Panasonic Semiconductor
AN5372S PANASONIC-AN5372S Datasheet
94Kb / 1P
   IC for Liquid Crystal Color TV
logo
Seiko Instruments Inc
G191C SII-G191C Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY MODULE WITH BUILT-IN EL BACKLIGHT
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
logo
Epson Company
S2D13782 EPSON-S2D13782 Datasheet
562Kb / 2P
   Image Enhancement IC with LCD Backlight Control Function
S2D13782F00A EPSON-S2D13782F00A Datasheet
562Kb / 2P
   Image Enhancement IC with LCD Backlight Control Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com