Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8041S Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AN8041S
Description  Liquid crystal backlight control IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8041S Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN8041S Datasheet HTML 1Page - Panasonic Semiconductor AN8041S Datasheet HTML 2Page - Panasonic Semiconductor AN8041S Datasheet HTML 3Page - Panasonic Semiconductor AN8041S Datasheet HTML 4Page - Panasonic Semiconductor AN8041S Datasheet HTML 5Page - Panasonic Semiconductor AN8041S Datasheet HTML 6Page - Panasonic Semiconductor AN8041S Datasheet HTML 7Page - Panasonic Semiconductor AN8041S Datasheet HTML 8Page - Panasonic Semiconductor AN8041S Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Voltage Regulators
1
AN8041S
Liquid crystal backlight control IC
s Overview
The AN8041S is an inverter control IC for liquid
crystal backlight using PWM method. The output
voltage of DC-DC converter and the current of cath-
ode-ray tube can be controlled by using two error
amplifiers, so that the system is designed easily.
Since the n-channel MOSFET can be directly
driven, it is possible to construct a highly effective
power supply.
s Features
• Operating supply voltage: 3.6 V to 34 V *
• Totem pole output circuit: Output current of ±500 mA
• Built-in bootstrap circuit
• N-channel power MOSFET can be directly driven
• Built-in two error amplifier circuits allow both the
voltage and current control
• Incorporating on/off functions (active-high control input, standby mode current is 5 µA or less)
• Built-in timer latch short-circuit protection circuit
• Maximum oscillation frequency: 500 kHz
Note) *: The voltage is limited to the range of 3.6 V to 17 V if used in a step-down circuit.
s Applications
• LCD displays, digital still cameras, and PDAs
s Block Diagram
SOP016-P-0225A
Unit: mm
0.3
(0
° to 10°)
Seating plane
10.1±0.3
18
16
9
1.27
(0.605)
Seating plane
0.40±0.25
CB
14
Out
13
FB1
8
IN
+1
6
IN
−1
7
S.C.P.
5
Off
16
S.C.P.
comp.
Q
Q
R
S
Bootstrap
Constant
current source
OSC
VREF
2.57 V
On/off
active-high
PWM comp.
Error amp. 2
U.V.L.O.
Q
R
S
Latch
Error amp. 1
FB2
9
IN
+2
11
IN
−2
10


Similar Part No. - AN8041S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN804 VISHAY-AN804 Datasheet
44Kb / 4P
   P-Channel MOSFETs, the Best Choice for High-Side Switching
10-Mar-97
logo
Panasonic Semiconductor
AN8045 PANASONIC-AN8045 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8045M PANASONIC-AN8045M Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN8049 PANASONIC-AN8049 Datasheet
170Kb / 23P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
AN8049 PANASONIC-AN8049 Datasheet
194Kb / 28P
   1.8-volt 3-channel step-up, step-down, and polarity inverting DC-DC converter control IC
More results

Similar Description - AN8041S

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KTS2005 KEXIN-KTS2005 Datasheet
46Kb / 2P
   Liquid Crystal Display Backlight Drive Applications
logo
Sanyo Semicon Device
FTS2005 SANYO-FTS2005 Datasheet
40Kb / 4P
   Liquid Crystal Display Backlight Drive Applications
logo
Motorola, Inc
MC34270 MOTOROLA-MC34270 Datasheet
367Kb / 12P
   LIQUID CRYSTAL DISPLAY AND BACKLIGHT INTEGRATED CONTROLLER
logo
ON Semiconductor
MC34271 ONSEMI-MC34271 Datasheet
343Kb / 12P
   Liquid Crystal Display and Backlight Integrated Controller
April, 2000 ??Rev. 0
logo
Panasonic Semiconductor
AN5372S PANASONIC-AN5372S Datasheet
94Kb / 1P
   IC for Liquid Crystal Color TV
logo
Seiko Instruments Inc
G191C SII-G191C Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY MODULE WITH BUILT-IN EL BACKLIGHT
logo
Hamamatsu Corporation
C9303-04 HAMAMATSU-C9303-04_15 Datasheet
74Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
C9303-03 HAMAMATSU-C9303-03_15 Datasheet
129Kb / 2P
   RGB-LED backlight monitor for TFT-LCD (Liquid Crystal Display)
logo
Epson Company
S2D13782 EPSON-S2D13782 Datasheet
562Kb / 2P
   Image Enhancement IC with LCD Backlight Control Function
S2D13782F00A EPSON-S2D13782F00A Datasheet
562Kb / 2P
   Image Enhancement IC with LCD Backlight Control Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com