Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMUN2211LT1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMUN2211LT1
Description  BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN2211LT1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LMUN2211LT1 Datasheet HTML 1Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 2Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 3Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 4Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 5Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 6Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 7Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 8Page - Leshan Radio Company LMUN2211LT1 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LESHAN RADIO COMPANY, LTD.
LMUN2211S–2/11
LMUN2211LT1 Series
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance – Junction-to-Ambient (Note 1.)
RθJA
508
°C/W
Operating and Storage Temperature Range
TJ,Tstg
–55 to +150
°C
Maximum Temperature for Soldering Purposes,
Time in Solder Bath
TL
260
10
°C
Sec
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
LMUN2211LT1
(VEB = 6.0 V, IC = 0)
LMUN2212LT1
LMUN2213LT1
LMUN2214LT1
LMUN2215LT1
LMUN2216LT1
LMUN2230LT1
LMUN2231LT1
LMUN2232LT1
LMUN2233LT1
LMUN2234LT1
LMUN2235LT1
LMUN2238LT1
LMUN2241LT1
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
4.0
0.1
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 2.), (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
ON CHARACTERISTICS (Note 2.)
DC Current Gain
LMUN2211LT1
(VCE = 10 V, IC = 5.0 mA)
LMUN2212LT1
LMUN2213LT1
LMUN2214LT1
LMUN2215LT1
LMUN2216LT1
LMUN2230LT1
LMUN2231LT1
LMUN2232LT1
LMUN2233LT1
LMUN2234LT1
LMUN2235LT1
LMUN2238LT1
LMUN2241LT1
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
160
160
60
100
140
140
350
350
5.0
15
30
200
150
140
350
350
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN2230LT1/LMUN2231LT1
(IC = 10 mA, IB = 1 mA) LMUN2215LT1/LMUN2216LT1
LMUN2232LT1/LMUN2233LT1/LMUN2234LT1/
LMUN2235LT1/LMUN2238LT1
VCE(sat)
0.25
Vdc
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%.


Similar Part No. - LMUN2211LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN2211LT1G LRC-LMUN2211LT1G Datasheet
189Kb / 16P
   Bias Resistor Transistor
logo
Shanghai Leiditech Elec...
LMUN2211LT1G LEIDITECH-LMUN2211LT1G Datasheet
1Mb / 16P
   NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2211LT1G LRC-LMUN2211LT1G_15 Datasheet
540Kb / 7P
   Bias Resistor Transistors
More results

Similar Description - LMUN2211LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
LDTD123YLT1G LEIDITECH-LDTD123YLT1G Datasheet
586Kb / 3P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
SDTC114EET1 ONSEMI-SDTC114EET1 Datasheet
145Kb / 13P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
May, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com