Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRB500V-40T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LRB500V-40T1
Description  Surface Mount Schotty Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB500V-40T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LRB500V-40T1 Datasheet HTML 1Page - Leshan Radio Company LRB500V-40T1 Datasheet HTML 2Page - Leshan Radio Company LRB500V-40T1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical characteristic curves (Ta = 25
°C)
0
0.1
1000
1
10
100
FORWARD VOLTAGE : VF
(V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Fig. 1 Forward characteristics
0
REVERSE VOLTAGE : VR
(V)
0.01
0.1
1
10
100
1000
10000
40
10
20
30
Fig. 2 Reverse characteristics
125
°C
75
°C
25
°C
0
10
1
100
5
101520253035
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (
°C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)
LESHAN RADIO COMPANY, LTD.
LRB500V-40T1
LESHAN RADIO COMPANY, LTD.
LRB500V-40T1-2/3


Similar Part No. - LRB500V-40T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB500V-40T1G LRC-LRB500V-40T1G Datasheet
73Kb / 3P
   Surface Mount Schottky Diode Low current rectification
LRB500V-40T1G LRC-LRB500V-40T1G_11 Datasheet
73Kb / 3P
   Surface Mount Schottky Diode Low current rectification
LRB500V-40T1G LRC-LRB500V-40T1G_15 Datasheet
85Kb / 3P
   Surface Mount Schottky Diode
More results

Similar Description - LRB500V-40T1

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR501U FS-FDR501U Datasheet
172Kb / 3P
   Surface Mount Schotty Diode
logo
Leshan Radio Company
LRB501V-40T1 LRC-LRB501V-40T1 Datasheet
53Kb / 3P
   Surface Mount Schotty Diode
logo
Nihon Inter Electronics...
FSH10A04 NIEC-FSH10A04 Datasheet
57Kb / 6P
   Schotty Barrier Diode
logo
Daya Electric Group Co....
SS12 DAYA-SS12 Datasheet
166Kb / 2P
   1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
SHIKUES Electronics
LL103A SKTECHNOLGY-LL103A Datasheet
819Kb / 4P
   Small Signal Schotty Diodes
logo
Rectron Semiconductor
BAS21 RECTRON-BAS21 Datasheet
18Kb / 1P
   SURFACE MOUNT DIODE
logo
Shenzhen Luguang Electr...
DBL0.3J LUGUANG-DBL0.3J Datasheet
1Mb / 2P
   Surface Mount Diode
logo
Rectron Semiconductor
BAS20 RECTRON-BAS20 Datasheet
17Kb / 1P
   SURFACE MOUNT DIODE
logo
Semikron International
RGL34A SEMIKRON-RGL34A_07 Datasheet
113Kb / 2P
   Surface mount diode
S5A SEMIKRON-S5A_07 Datasheet
117Kb / 2P
   Surface mount diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com