Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR431CLT1 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LR431CLT1
Description  LR431 LINEAR INTEGRATED CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR431CLT1 Datasheet(HTML) 6 Page - Leshan Radio Company

  LR431CLT1 Datasheet HTML 1Page - Leshan Radio Company LR431CLT1 Datasheet HTML 2Page - Leshan Radio Company LR431CLT1 Datasheet HTML 3Page - Leshan Radio Company LR431CLT1 Datasheet HTML 4Page - Leshan Radio Company LR431CLT1 Datasheet HTML 5Page - Leshan Radio Company LR431CLT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LRC
LESHAN RADIO COMPANY,LTD.
6/6
SOT-23 PACKAGE OUTLINE DIMENSIONS
Symbol
A
A1
A2
b
c
D
E
E1
e
e1
L
L1
Min
0.900
0.000
0.900
0.300
0.080
2.800
1.200
2.250
1.800
0.300
Max
1.100
0.100
1.000
0.500
0.150
3.100
1.610
2.550
2.000
0.500
Min
0.035
0.000
0.035
0.012
0.003
0.110
0.047
0.089
0.071
0.012
Max
0.043
0.004
0.039
0.020
0.006
0.118
0.055
0.100
0.079
0.020
Dimensions In Millimeters
Dimensions In Inches
0.037TPY
0.022REF
0.950TPY
0.550REF
D
b
e1
C
0.2
e


Similar Part No. - LR431CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR431 LRC-LR431 Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
LR431AD LRC-LR431AD Datasheet
1Mb / 5P
   Programmable output Voltage to 36V. Low dynamic output impedance 0.2?
LR431AH LRC-LR431AH Datasheet
210Kb / 5P
   Programmable output Voltage to 36V Low dynamic output impedance 0.2廓
LR431AHTSLT1G LRC-LR431AHTSLT1G Datasheet
1Mb / 8P
   Programmable output Voltage to 42V. Low dynamic output impedance 0.2?
LR431ALT1G LRC-LR431ALT1G Datasheet
116Kb / 5P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - LR431CLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTL431APHLT1G LRC-LTL431APHLT1G Datasheet
116Kb / 5P
   LR431 LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com