Electronic Components Datasheet Search |
|
AN7712SP Datasheet(PDF) 4 Page - Panasonic Semiconductor |
|
AN7712SP Datasheet(HTML) 4 Page - Panasonic Semiconductor |
4 / 21 page AN7700, AN7700F, AN7700SP Series Voltage Regulators 4 Parameter Symbol Conditions Min Typ Max Unit Output voltage VOUT VIN = 4 V, IOUT = 500 mA, 2.91 3.00 3.09 V Tj = 25°C Line regulation REGIN VIN = 4 V to 14 V, IOUT = 500 mA, 330 mV Tj = 25°C Load regulation REGLOA VIN = 4 V, IOUT = 0 mA to 1 200 mA, 15 60 mV Tj = 25°C Input dependency of bias current ∆I Bias(IN) VIN = 4 V to 14 V, IOUT = 500 mA, 110 mA Tj = 25°C Load dependency of bias current ∆I Bias(LOA) VIN = 4 V, IOUT = 0 mA to 1 200 mA, 10 50 mA Tj = 25°C Bias current at no load IBias VIN = 4 V, IOUT = 0 mA 2.6 5.0 mA Bias current Irush VIN = 2.7 V, IOUT = 0 mA 35 mA before the regulation starts Minimum I/O voltage difference 1 VDIF(min)1 VIN = 3.5 V, IOUT = 500 mA, 0.4 0.6 V Tj = 25°C Minimum I/O voltage difference 2 VDIF(min)2 VIN = 3.5 V, IOUT = 1 200 mA, 0.5 1.0 V Tj = 25°C Peak output current 1 * IO(Peak)1 VIN = 4 V, Tj = 25°C 1.2 1.8 2.4 A Peak output current 2 * IO(Peak)2 VIN = 13 V, Tj = 25°C 1.0 1.5 2.0 A Peak output current 3 * IO(Peak)3 VIN = 18 V, Tj = 25°C 0.5 1.0 1.5 A Ripple rejection ratio RR VIN = 4 V to 6 V, IOUT = 100 mA, 54 74 dB f = 120 Hz s Electrical Characteristics at Ta = 25°C • AN7703/F (3-V type) Note) *: This current exceeds PD(max) because it is a parameter during abnormal (overcurrent) operation. However, normally, it shall conform to the derating curve ( s Characteristic curve chart PD Ta ). Parameter Symbol Conditions Min Typ Max Unit Output short-circuit current IO(Short) VIN = 30 V, Tj = 25°C 10 mA The load is shorted. Thermal protection operating Tj(TH) VIN = 4 V 150 °C temperature Output voltage temperature a VIN = 5 V, Tj = 25°C to 125°C −40 ppm/°C coefficient • Design reference data Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed. |
Similar Part No. - AN7712SP |
|
Similar Description - AN7712SP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |