Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBAV70WT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBAV70WT1
Description  Dual Switching Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAV70WT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LBAV70WT1 Datasheet HTML 1Page - Leshan Radio Company LBAV70WT1 Datasheet HTML 2Page - Leshan Radio Company LBAV70WT1 Datasheet HTML 3Page - Leshan Radio Company LBAV70WT1 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LBAV70WT1-3/4
LBAV70WT1
100
0.2
0.4
VF, FORWARD VOLTAGE (VOLTS)
0.6
0.8
1.0
1.2
10
1.0
0.1
TA = 85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0.01
0.001
10
20
30
40
50
1.0
0
VR, REVERSE VOLTAGE (VOLTS)
0.9
0.8
0.7
0.6
246
8
Figure 3. Forward Voltage
Figure 4. Leakage Current
Figure 5. Capacitance
TA = -40°C
TA = 25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 55°C
TA = 25°C
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LBAV70WT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
   Dual Switching Diodes
More results

Similar Description - LBAV70WT1

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
   SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
   Dual Switching Diodes
logo
First Silicon Co., Ltd
FDS70U FS-FDS70U Datasheet
244Kb / 4P
   Dual Switching Diodes
logo
RFE international
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
   Dual Switching Diodes
27-01-2022
BAV99 RFE-BAV99 Datasheet
832Kb / 3P
   Dual Switching Diodes
08-MAY-2023
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
   Dual Switching Diodes
logo
Yea Shin Technology Co....
BAW56W YEASHIN-BAW56W Datasheet
685Kb / 3P
   Dual Switching Diodes
BAV70W YEASHIN-BAV70W Datasheet
661Kb / 3P
   Dual Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
MMBD2835 SEMTECH_ELEC-MMBD2835 Datasheet
145Kb / 2P
   Dual Switching Diodes
logo
RFE international
BAW56 RFE-BAW56 Datasheet
1Mb / 3P
   Dual Switching Diodes
27-01-2022
logo
Leshan Radio Company
LBAW56WT1G LRC-LBAW56WT1G_15 Datasheet
181Kb / 3P
   Dual Switching Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com