Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBAW56LT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAW56LT1
Description  Monolithic Dual Switching Diode Common Anode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAW56LT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAW56LT1 Datasheet HTML 1Page - Leshan Radio Company LBAW56LT1 Datasheet HTML 2Page - Leshan Radio Company LBAW56LT1 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LESHAN RADIO COMPANY, LTD.
LBAW56LT1-1/3
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
70
Vdc
Forward Current
I F
200
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR- 5 Board (1)
P D
225
mW
T A =2
5 °C
erate above 2
5 °C
1.8
mW /°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A =2
5 °C
Derate above 2
5 °C
2.4
mW /°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
T J , T stg
-55 to +150
°C
DEVICE MARKING
LBAW56LT1 = A1
ELECTRICAL CHARACTERISTICS (T A = 2
5 °C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
M a x
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage
V (BR)
70
Vdc
(I (BR) = 100
µAdc)
Reverse Voltage Leakage Current
I R
µAdc
(V R = 25 Vdc, T J = 150 °C)
30
(V R = 70 Vdc)
2.5
(V R = 70 Vdc, T J = 150 °C)
50
Diode Capacitance
C D
2.0
pF
(V R = 0, f = 1.0 MHz)
Forward Voltage
V F
mVdc
(I F = 1.0 mAdc)
715
(I F = 10 mAdc)
855
(I F = 50 mAdc)
1000
(I F = 150 mAdc)
1250
Reverse Recovery Time
t rr
6.0
ns
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc) (Figure 1) R L = 100
1. FR-5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
Monolithic Dual Switching Diode
Common Anode
3
ANODE
1
CATHODE
2
CATHODE
SOT– 23 (TO–236AB)
LBAW56LT1
1
3
2
Pb−Free Package is Available.
Device
PACKAGE
Shipping
LBAW56LT1
LBAW56LT1G
SOT-23 3000 Tape & Reel
3000 Tape & Reel
ORDERING INFORMATION
SOT-23


Similar Part No. - LBAW56LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAW56DW1T1G LRC-LBAW56DW1T1G Datasheet
165Kb / 3P
   Monolithic Dual Switching Diode
LBAW56DW1T1G LRC-LBAW56DW1T1G_15 Datasheet
165Kb / 3P
   Monolithic Dual Switching Diode
LBAW56DW1T3G LRC-LBAW56DW1T3G Datasheet
165Kb / 3P
   Monolithic Dual Switching Diode
LBAW56WT1G LRC-LBAW56WT1G Datasheet
174Kb / 3P
   Dual Switching Diodes
LBAW56WT1G LRC-LBAW56WT1G_15 Datasheet
181Kb / 3P
   Dual Switching Diodes
More results

Similar Description - LBAW56LT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAW56LT1 LRC-BAW56LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diode Common Anode
logo
Motorola, Inc
BAW56LT1 MOTOROLA-BAW56LT1 Datasheet
82Kb / 4P
   Monolithic Dual Switching Diode Common Anode
logo
Yea Shin Technology Co....
BAW56-A YEASHIN-BAW56-A Datasheet
672Kb / 3P
   Monolithic Dual Switching Diode Common Anode
BAW56 YEASHIN-BAW56 Datasheet
656Kb / 3P
   Monolithic Dual Switching Diode Common Anode
logo
Leshan Radio Company
L1SS360TT1G LRC-L1SS360TT1G_15 Datasheet
131Kb / 3P
   Monolithic Dual Switching Diode Common Anode
logo
First Silicon Co., Ltd
FDS360 FS-FDS360 Datasheet
244Kb / 3P
   Monolithic Dual Switching Diode Common Anode
logo
AiT Semiconductor Inc.
BAW56L AITSEMI-BAW56L Datasheet
540Kb / 6P
   SWITCHING DIODES MONOLITHIC DUAL COMMON ANODE
REV1.1
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com