Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC847BWT1 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LBC847BWT1
Description  General Purpose Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847BWT1 Datasheet(HTML) 3 Page - Leshan Radio Company

  LBC847BWT1 Datasheet HTML 1Page - Leshan Radio Company LBC847BWT1 Datasheet HTML 2Page - Leshan Radio Company LBC847BWT1 Datasheet HTML 3Page - Leshan Radio Company LBC847BWT1 Datasheet HTML 4Page - Leshan Radio Company LBC847BWT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
K5–3/5
LBC846AWT1, BWT1 LBC847AWT1, BWT1, CWT1 LBC848AWT1, BWT1, CWT1
LBC847/LBC848
V
R , REVERSE VOLTAGE (VOLTS)
Figure 5. Capacitances
I
C , COLLECTOR CURRENT (mAdc)
Figure 6. Current–Gain – Bandwidth Product
I
C , COLLECTOR CURRENT (mA)
Figure 7. DC Current Gain
I
C , COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
I
B , BASE CURRENT (mA)
Figure 9. Collector Saturation Region
I
C , COLLECTOR CURRENT (mA)
Figure 10. Base–Emitter Temperature Coefficient
T
A = 25°C
V
BE(sat) @ I C /I B = 10
V
BE @ VCE = 5.0 V
V
CE = 10V
T
A = 25°C
T
A = 25°C
V
CE = 5V
T
A = 25°C
V
CE(sat) @ I C /I B= 10
I
C =
10 mA
100mA
20mA
200mA
T
A= 25°C
θ
VB for V BE
–55°C to 125°C
C
ob
C
ib
–1.0
–1.4
–1.8
–2.2
–2.6
–3.0
1.0
0.8
0.6
0.4
0.2
0
400
300
200
100
80
60
40
30
20
10.0
7.0
5.0
3.0
2.0
1.0
2.0
1.0
0.5
0.2
2.0
1.6
1.2
0.8
0.4
0
0.4 0.6 0.81.0
2.0
4.0 6.0 8.010
20
40
0.5 0.7 1.0
2.0
3.0
5.0 7.010
20
30
50
0.1 0.2
1.0
10
100
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
0.02
0.05 0.1
0.2
0.5 1.0
2.0
5.0
10
20
50mA


Similar Part No. - LBC847BWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC847BWT1G LRC-LBC847BWT1G Datasheet
550Kb / 9P
   General Purpose Transistors NPN Silicon
LBC847BWT1G LRC-LBC847BWT1G Datasheet
284Kb / 6P
   General Purpose Transistors NPN Silicon
LBC847BWT1G LRC-LBC847BWT1G_15 Datasheet
397Kb / 9P
   General Purpose Transistors
More results

Similar Description - LBC847BWT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com