Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC847CPDW1T1 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC847CPDW1T1
Description  Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC847CPDW1T1 Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC847CPDW1T1 Datasheet HTML 1Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 2Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 3Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 4Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 5Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 6Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 7Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 8Page - Leshan Radio Company LBC847CPDW1T1 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846BPDW1T1, LBC847BPDW1T1 Series, LBC848BPDW1T1 Series
ELECTRICAL CHARACTERISTICS (NPN) (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage
(IC = 10 mA)
LBC846 Series
LBC847 Series
LBC848 Series
V(BR)CEO
65
45
30
V
Collector–Emitter Breakdown Voltage
(IC = 10 µA, VEB = 0)
LBC846 Series
LBC847B Only
LBC848 Series
V(BR)CES
80
50
30
V
Collector–Base Breakdown Voltage
(IC = 10 mA)
LBC846 Series
LBC847 Series
LBC848 Series
V(BR)CBO
80
50
30
V
Emitter–Base Breakdown Voltage
(IE = 1.0 mA)
LBC846 Series
LBC847 Series
LBC848 Series
V(BR)EBO
6.0
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
µA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
LBC846B, LBC847B, LBC848B
LBC847C, LBC848C
(IC = 2.0 mA, VCE = 5.0 V)
LBC846B, LBC847B, LBC848B
LBC847C, LBC848C
hFE
200
420
150
270
290
520
475
800
Collector–Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector–Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base–Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base–Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base–Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base–Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL–SIGNAL CHARACTERISTICS
Current–Gain — Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kΩ, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
LBC846BP–2/9


Similar Part No. - LBC847CPDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC847CPDW1T1G LRC-LBC847CPDW1T1G Datasheet
407Kb / 11P
   Dual General Purpose Transistors
LBC847CPDW1T1G LRC-LBC847CPDW1T1G Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
More results

Similar Description - LBC847CPDW1T1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC846BPDW1T1G LRC-LBC846BPDW1T1G_11 Datasheet
169Kb / 9P
   Dual General Purpose Transistors NPN/PNP Duals (Complimentary)
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
LBC817-16DMT1G LRC-LBC817-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors NPN Duals
LBC807-16DMT1G LRC-LBC807-16DMT1G Datasheet
173Kb / 3P
   Dual General Purpose Transistors PNP Duals
BC646BDW1T1 LRC-BC646BDW1T1 Datasheet
155Kb / 5P
   Dual General Purpose Transistors(NPN Duals)
LBC846BDW1T1 LRC-LBC846BDW1T1 Datasheet
172Kb / 5P
   Dual General Purpose Transistors NPN Duals
BC856BDW1T1 LRC-BC856BDW1T1 Datasheet
164Kb / 5P
   Dual General Purpose Transistors(PNP Duals)
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
Pan Jit International I...
BC847BPN PANJIT-BC847BPN Datasheet
145Kb / 3P
   DUAL SURFACE MOUNT NPN/PNP TRANSISTORS (COMPLIMENTARY)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com