Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBC848CLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBC848CLT1G
Description  General Purpose Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBC848CLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBC848CLT1G Datasheet HTML 1Page - Leshan Radio Company LBC848CLT1G Datasheet HTML 2Page - Leshan Radio Company LBC848CLT1G Datasheet HTML 3Page - Leshan Radio Company LBC848CLT1G Datasheet HTML 4Page - Leshan Radio Company LBC848CLT1G Datasheet HTML 5Page - Leshan Radio Company LBC848CLT1G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LBC846ALT1S-2/6
LBC846ALT1 Series
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
LBC846ALT1
1A
SOT-23
3000/Tape&Reel
LBC846ALT1G
1A
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC846BLT1
1B
SOT-23
3000/Tape&Reel
LBC846BLT1G
1B
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC847ALT1
1E
SOT-23
3000/Tape&Reel
LBC847ALT1G
1E
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC847BLT1
1F
SOT-23
3000/Tape&Reel
LBC847BLT1G
1F
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC847CLT1
1G
SOT-23
3000/Tape&Reel
LBC847CLT1G
1G
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC848ALT1
1J
SOT-23
3000/Tape&Reel
LBC848ALT1G
1J
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC848BLT1
1K
SOT-23
3000/Tape&Reel
LBC848BLT1G
1K
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC848CLT1
1L
SOT-23
3000/Tape&Reel
LBC848CLT1G
1L
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC849BLT1
2B
SOT-23
3000/Tape&Reel
LBC849BLT1G
2B
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC849CLT1
2C
SOT-23
3000/Tape&Reel
LBC849CLT1G
2C
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC850BLT1
2F
SOT-23
3000/Tape&Reel
LBC850BLT1G
2F
(Pb-Free)
SOT-23
3000/Tape&Reel
LBC850CLT1
2G
SOT-23
3000/Tape&Reel
LBC850CLT1G
2G
(Pb-Free)
SOT-23
3000/Tape&Reel


Similar Part No. - LBC848CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBC848CLT1G LRC-LBC848CLT1G Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
Shanghai Leiditech Elec...
LBC848CLT1G LEIDITECH-LBC848CLT1G Datasheet
1Mb / 13P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
LBC848CLT1G LRC-LBC848CLT1G_15 Datasheet
413Kb / 13P
   General Purpose Transistors
More results

Similar Description - LBC848CLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com