Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8267S Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AN8267S
Description  Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8267S Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AN8267S Datasheet HTML 1Page - Panasonic Semiconductor AN8267S Datasheet HTML 2Page - Panasonic Semiconductor AN8267S Datasheet HTML 3Page - Panasonic Semiconductor AN8267S Datasheet HTML 4Page - Panasonic Semiconductor AN8267S Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
• power line
The power pin of the AN8267S is the Pin12. Separate it
from the power line to the moter coil. Wiring to the motor
coil should be made as thick and short as possible.
• GND line
The AN8267S has two GND Pins (8 and 13). Since the
Pin8 serves as the GND pin for the coil output power transis-
tor, separate from GND of the Pin13 as much as possible.
Wiring to the Pin8 should be also as thick and short as possi-
ble.
The Pin3 is switched over in synchronization with coil cur-
rent supply/stop.
The maximum applied voltage for both Pins2 and 3 is 55V.
5. TSD (Thermal Shut Down)Pin5
The AN8267S incorporates the overheat protective circuit.
If the chip temperature of the IC reaches 150˚C (typ.), the
coil current stops. Since the Pin5 is a TSD circuit operation
checking pin, leave it “open” when the motor is driving nor-
mally.
7. Precautions for wiring
When mounting the AN8267S onto the PCB, pay attention
to the following points as to its wiring.
6. Hall input Pins1 and 16
Input a sine wave signal from the Hall element to the Pins1
and 16.
The input DC voltage of those pins should be 2Vmin. or
more.
It is recommended to connect the Hall element and DC
bias resistor between the Pins1 and GND.
The Hall element sine wave signal Vi to be input to the
Pins1 and 16 should be ; 15mVp–p Vi
400mVp–p
1. Coil current ON :
L
2. Coil current OFF :
H
AN8267S
AN8267S
14
1
16
Hall Element
R : DC Bias Resistor
Fig.7
Fig.8
14
12
Separate
Hall Element
Separate
IC Power Supply
Coil Power Supply
PGND
GND
Counterflow Preventive Diode
4
8
13
11
6
10
1
16
s Supplementary Explanation (Cont.)
<
=
<
=


Similar Part No. - AN8267S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AN826 VISHAY-AN826 Datasheet
26Kb / 1P
   RECOMMENDED MINIMUM PADS FOR SC-70: 3-LEAD
20-Jun-03
logo
Panasonic Semiconductor
AN8261 PANASONIC-AN8261 Datasheet
48Kb / 4P
   Brushless Motor Driver
More results

Similar Description - AN8267S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11988V ONSEMI-LB11988V Datasheet
89Kb / 6P
   Fan Motor Driver
May, 2013
LA6587FA ONSEMI-LA6587FA Datasheet
81Kb / 5P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988HR SANYO-LB11988HR Datasheet
75Kb / 8P
   Fan Motor Driver
LB11988H SANYO-LB11988H Datasheet
78Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LB11988HR ONSEMI-LB11988HR Datasheet
91Kb / 6P
   Fan Motor Driver
May, 2013
SS30 ONSEMI-SS30 Datasheet
159Kb / 7P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988D SANYO-LB11988D Datasheet
75Kb / 8P
   Fan Motor Driver
logo
ON Semiconductor
LA6581DM ONSEMI-LA6581DM Datasheet
211Kb / 5P
   Fan Motor Driver
January, 2014
LV8804FV ONSEMI-LV8804FV Datasheet
239Kb / 10P
   Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11988V SANYO-LB11988V Datasheet
113Kb / 7P
   Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com