Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SA812QLT1 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # L2SA812QLT1
Description  General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA812QLT1 Datasheet(HTML) 1 Page - Leshan Radio Company

  L2SA812QLT1 Datasheet HTML 1Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 2Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 3Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 4Page - Leshan Radio Company L2SA812QLT1 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
General Purpose Transistors
MAXIMUM RATINGS
Symbol
L2SA812
Unit
Collector-Emitter Voltage
VCEO
-50
V
Collector-Base Voltage
VCBO
-60
V
Emitter-Base Voltage
VEBO
-6
V
Collector current-continuoun
IC
-150
mAdc
THERMAL CHARATEERISTICS
Symbol
Max
Unit
Total Device Dissipation FR-5 Board, (1)
PD
200
mW
1.8
mW/
oC
Thermal Resistance, Junction to Ambient
R θJA
556
oC/W
PD
200
mW
2.4
mW/
oC
Thermal Resistance, Junction to Ambient
R θJA
417
oC/W
Junction and Storage Temperature
Tj ,Tstg
-55 to +150
oC
Total Device Dissipation
Derate above 25
oC
Rating
TA=25
oC
Derate above 25
oC
Alumina Substrate, (2) TA=25
oC
Characteristic
L2SA812-1/5
LESHAN RADIO COMPANY, LTD.
1
3
2
L2SA812*LT1
SOT-23
2
EMITTER
3
COLLECTOR
1
BASE
FEATURE
High Voltage: VCEO = -50 V.
Epitaxial planar type.
NPN complement: L2SC1623
Pb-Free Package is available.
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
L2SA812QLT1
M8
L2SA812QLT1G
M8
(Pb-Free)
L2SA812RLT1
M6
L2SA812RLT1G
M6
(Pb-Free)
L2SA812SLT1
M7
L2SA812SLT1G
M7
(Pb-Free)
3000/Tape&Reel
3000/Tape&Reel
3000/Tape&Reel
Shipping
3000/Tape&Reel
3000/Tape&Reel
3000/Tape&Reel


Similar Part No. - L2SA812QLT1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA812QLT1G LRC-L2SA812QLT1G Datasheet
147Kb / 5P
   General Purpose Transistors Epitaxial planar type.
L2SA812QLT1G LRC-L2SA812QLT1G_15 Datasheet
192Kb / 5P
   S- Prefix for Automotive and Other Applications Requiring Unique Site
More results

Similar Description - L2SA812QLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com