Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L2SA1036KLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # L2SA1036KLT1G
Description  Medium Power Transistor(-32V, -0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

L2SA1036KLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  L2SA1036KLT1G Datasheet HTML 1Page - Leshan Radio Company L2SA1036KLT1G Datasheet HTML 2Page - Leshan Radio Company L2SA1036KLT1G Datasheet HTML 3Page - Leshan Radio Company L2SA1036KLT1G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LRC
LESHAN RADIO COMPANY,LTD.
Symbol
Min.
Typ.
Max.
Unit
BVCBO
40
V
BVCEO
— 32
V
BVEBO
— 5
V
ICBO
— 1
µA
IEBO
— 1
µA
VCE(sat)
— 0.4
V
hFE
82
390
fT
200
MHZ
Cob
7
pF
Parameter
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ration
VCB= — 20v
VEB= — 4V
IC/IB= — 100mA/ — 10mA
VCE= — 3V,Ic= — 10mA
Conditions
IC= — 100µA
Ic= — 1mA
IE= — 100µA
VCE= — 5V,IE=20mA,f=100MHz
VCB= — 10V,IE=0A,f=1MHz
Transition frequence
Output capacitance
FElectrical characteristics (Ta = 25_C)
L2SA1036K*LT1
FhFE values are classified as follows.
L2SA1036K*LT1-2/4


Similar Part No. - L2SA1036KLT1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1036KQLT1G LRC-L2SA1036KQLT1G Datasheet
168Kb / 4P
   Medium Power Transistor Epitaxial planar type PNP silicon transistor
L2SA1036KRLT1G LRC-L2SA1036KRLT1G Datasheet
168Kb / 4P
   Medium Power Transistor Epitaxial planar type PNP silicon transistor
L2SA1036KRLT1G LRC-L2SA1036KRLT1G_15 Datasheet
172Kb / 4P
   Medium Power Transistor
More results

Similar Description - L2SA1036KLT1G

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC2411KT146Q ROHM-2SC2411KT146Q Datasheet
78Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC1741S ROHM-2SC1741S Datasheet
71Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC4097T106R ROHM-2SC4097T106R Datasheet
66Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
   Medium Power Transistor (-32V, -1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com