Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KPA170A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # 15KPA170A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-17 TO 280 Volts 15000 Watt Peak Pulse Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

15KPA170A Datasheet(HTML) 2 Page - Leshan Radio Company

  15KPA170A Datasheet HTML 1Page - Leshan Radio Company 15KPA170A Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
http://www.lrc-china.com
15KW–2/2
15KW
PARTUNMBER
REVERSE
STAND-
OFF
VOLTAGE
V
RW M(V)
BREAKDOWN
VOLTAGE
MIN.@I
T
V
BR(V)
BREAKDOEN
VOLTAGE
MAX.@I
T
V
BR(V)
TEST
CURRENT
I
T
(mA)
MAXIMUM
CLAMPING
VOLTAGE@I
PP
V
C (V)
PEAK
PULSE
CURRENT
I
PP(A)
REVERSE
LEAKAGE
@V
RWM
I
R(µA)
UNI- POLAR
BI-POLAR
15KPA17A
15KPA17CA
17
18.9
20.90
50
5000
512
29.3
15KPA18A
15KPA18CA
18
20.0
22.00
50
5000
485
30.9
15KPA20A
15KPA20CA
20
22.2
24.50
20
1500
437
34.3
15KPA22A
15KPA22CA
22
24.4
26.90
10
500
404
37.1
15KPA24A
15KPA24CA
24
26.7
29.50
5
150
369
40.5
15KPA26A
15KPA26CA
26
28.9
31.90
5
50
347
44.0
15KPA28A
15KPA28CA
28
31.1
34.40
5
25
316
47.5
15KPA30A
15KPA30CA
30
33.3
36.80
5
15
296
50.7
15KPA33A
15KPA33CA
33
36.7
40.60
5
10
274
54.8
15KPA36A
15KPA36CA
36
40.0
44.20
5
10
251
59.7
15KPA40A
15KPA40CA
40
44.4
49.10
5
10
228
65.8
15KPA43A
15KPA43CA
43
47.8
52.80
5
10
215
69.7
15KPA45A
15KPA45CA
45
50.0
55.30
5
10
205
73.0
15KPA48A
15KPA48CA
48
53.3
58.90
5
10
193
77.7
15KPA51A
15KPA51CA
51
56.7
62.70
5
10
181
82.8
15KPA54A
15KPA54CA
54
60.0
66.30
5
10
171
87.5
15KPA58A
15KPA58CA
58
64.4
71.20
5
10
160
94.0
15KPA60A
15KPA60CA
60
66.7
73.70
5
10
154
97.3
15KPA64A
15KPA64CA
64
71.1
78.60
5
10
144
104.0
15KPA70A
15KPA70CA
70
77.8
86.00
5
10
132
114.0
15KPA75A
15KPA75CA
75
83.3
92.10
5
10
123
122.0
15KPA78A
15KPA78CA
78
86.7
93.80
5
10
119
126.0
15KPA85A
15KPA85CA
85
94.4
104.0
5
10
109
137.0
15KPA90A
15KPA90CA
90
100.0
111.0
5
10
103
146.0
15KPA100A 15KPA100CA
100
111.0
123.0
5
10
93
162.0
15KPA110A 15KPA110CA
110
122.0
135.0
5
10
84
178.0
15KPA120A 15KPA120CA
120
133.0
147.0
5
10
78
193.0
15KPA130A 15KPA130CA
130
144.0
159.0
5
10
72
209.0
15KPA150A 15KPA150CA
150
167.0
185.0
5
10
62
243.0
15KPA160A 15KPA160CA
160
178.0
197.0
5
10
58
259.0
15KPA170A 15KPA170CA
170
189.0
209.0
5
10
55
275.0
15KPA180A 15KPA180CA
180
200.0
233.0
5
10
52
291.0
15KPA200A 15KPA200CA
200
222.0
245.0
5
10
47
322.0
15KPA220A 15KPA220CA
220
245.0
269.0
5
10
42
356.0
15KPA240A 15KPA240CA
240
267.0
295.0
5
10
39
388.0
15KPA260A 15KPA260CA
260
289.0
319.0
5
10
36
419.0
15KPA280A 15KPA280CA
280
311.0
344.0
5
10
33
452.0
15KW SERIES
For bidirectional type having Vrwm of 30 volts and less,the IR limit is double.
For parts without A,the VBR is ±10%


Similar Part No. - 15KPA170A

ManufacturerPart #DatasheetDescription
logo
Protek Devices
15KPA170A PROTEC-15KPA170A Datasheet
72Kb / 5P
   POWER TVS COMPONENT
logo
Socay Electornics Co., ...
15KPA170A SOCAY-15KPA170A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Weitron Technology
15KPA170A WEITRON-15KPA170A Datasheet
231Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
15KPA170A SPSEMI-15KPA170A Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
MDE Semiconductor, Inc.
15KPA170A MDE-15KPA170A Datasheet
29Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KPA170A

ManufacturerPart #DatasheetDescription
logo
StarHope
TVS-15KPA SPSEMI-TVS-15KPA Datasheet
344Kb / 5P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 17 to 280 Volts 15000 Watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
StarHope
10KPA SPSEMI-10KPA Datasheet
533Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE-17 TO 280 Volts
15KPA SPSEMI-15KPA Datasheet
622Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 17 TO 280 Volts
logo
Pan Jit International I...
1.5SMC-AU PANJIT-1.5SMC-AU Datasheet
126Kb / 7P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER 1500 Watt
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
1.5SMC PANJIT-1.5SMC_09 Datasheet
143Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
5KP PANJIT-5KP_08 Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR PEAK PULSE POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com