Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN80L28RMS Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN80L28RMS
Description  Low-drop type positive output voltage regulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80L28RMS Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN80L28RMS Datasheet HTML 2Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 3Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 4Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 5Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 6Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 7Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 8Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 9Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
AN80LXXRMS Series
Voltage Regulators
6
Parameter
Symbol
Range
Unit
Supply voltage
VCC
2.4 to 14.5
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 3.0 V, IOUT = 50 mA
1.940
2.0
2.060
V
Input stability 1
REGIN1
VIN = 3.0 V → 14.5 V, IOUT = 50 mA
10
50
mV
Input stability 2
REGIN2
VIN = 3.0 V → 9 V, IOUT = 50 mA
520
mV
Load stability *
1
REGLOA
VIN = 3.0 V, IOUT = 0 mA → 150 mA
50
150
mV
Peak output current *
2
IPEAK
VIN = 3.0 V, The output current value
180
240
mA
decreases by 5% from the value
when VOUT is at IOUT = 50 mA.
Bias current without load
IBIAS
VIN = 3.0 V, IOUT = 0 mA

350
µA
Bias current fluctuation with load
∆I
BIAS
VIN = 3.0 V, IOUT = 0 mA → 150 mA

5mA
Standby consumption current
ISTB
VIN = 10 V, VCONT = 0 V

0.1
µA
Bias current before starting
IRUSH
VIN = 1.7 V, IOUT = 0 mA
1.5
5mA
regulation
Ripple rejection ratio
R.R.
1 Vrms, f = 120 Hz, IOUT = 10 mA
62
70
dB
Minimum input and
VDIF(min)1
VIN = 1.7 V, IOUT = 0 mA
0.1
0.2
V
output voltage difference 1
Minimum input and
VDIF(min)2
VIN = 2.3 V, IOUT = 150 mA

0.4
V
output voltage difference 2
Control terminal threshold high voltage VCONTH
VIN = 3.0 V, IOUT = 50 mA

1.50
V
Control terminal threshold high voltage VCONTH
VIN = 3.0 V, IOUT = 50 mA
0.30

V
Control terminal current
ICONT
VIN = 3.0 V, IOUT = 50 mA

30
µA
VCONT = 1.8 V
• Design reference data
Note) The following values are typical and not guaranteed values.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output noise voltage
VNO
10Hz
≤ f ≤ 100kHz, I
OUT = 10 mA
42
µV
Output voltage temperature
1
dVOUT
VIN = 3.0 V, IOUT = 0 mA
90
ppm/
°C
coefficient
VOUT dT
− 30°C ≤ T
a ≤ + 85°C
Output rise time
tON
VIN = 3.0 V, IOUT = 50 mA
0.10
ms
VCONT = 0 V → 1.8 V, CIN = 0.1 µF
COUT = 10 µF, VOUT = 90%
Note) *1 : 1.0 Ω
*2 : Peak output current : The output current when the output voltage has been decreased by 5% from the value at the time
of the output current is 50 mA due to the overcurrent protection.
s Electrical Characteristics at T
a = 25°C
Note) Unless otherwise specially provided, shorten each test time (within 10 ms) so that the test is conducted under the condition
that the drift due to the temperature increase in the chip junction part can be neglected. CIN = 0.1 µF, COUT = 10 µF
s Recommended Operating Range
AN80L20RMS (2.0 V)
Note) *1 : Refer to s Technical Information " • Output rise time characteristics".


Similar Part No. - AN80L28RMS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80L28RMS PANASONIC-AN80L28RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
More results

Similar Description - AN80L28RMS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118_14 Datasheet
257Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATOR
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com