Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN80L28RMS Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN80L28RMS
Description  Low-drop type positive output voltage regulator IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80L28RMS Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN80L28RMS Datasheet HTML 1Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 2Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 3Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 4Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 5Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 6Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 7Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 8Page - Panasonic Semiconductor AN80L28RMS Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
AN80LXXRMS Series
Voltage Regulators
2
s Output Voltage Characteristics at IOUT = 50 mA, Ta = 25°C
Type No.
Output V
Conditions
min.
typ.
max.
Unit
Marking
AN80L18RMS
1.8
VIN = 2.8 V
1.746
1.8
1.854
V
BA
AN80L19RMS
1.9
2.9
1.843
1.9
1.957
BB
AN80L20RMS
2.0
3.0
1.940
2.0
2.060
BC
AN80L21RMS
2.1
3.1
2.037
2.1
2.163
BD
AN80L22RMS
2.2
3.2
2.134
2.2
2.266
BE
AN80L25RMS
2.5
3.5
2.452
2.5
2.575
BW
AN80L28RMS
2.8
3.8
2.716
2.8
2.884
BF
AN80L29RMS
2.9
3.9
2.813
2.9
2.987
BG
AN80L30RMS
3.0
4.0
2.910
3.0
3.090
BH
AN80L31RMS
3.1
4.1
3.007
3.1
3.193
BJ
AN80L32RMS
3.2
4.2
3.104
3.2
3.296
BK
AN80L33RMS
3.3
4.3
3.201
3.3
3.399
BL
AN80L34RMS
3.4
4.4
3.298
3.4
3.502
BM
AN80L35RMS
3.5
4.5
3.395
3.5
3.605
BN
AN80L36RMS
3.6
4.6
3.492
3.6
3.708
BP
AN80L48RMS
4.8
5.8
4.656
4.8
4.944
BQ
AN80L49RMS
4.9
5.9
4.753
4.9
5.047
BR
AN80L50RMS
5.0
6.0
4.850
5.0
5.150
BS
AN80L51RMS
5.1
6.1
4.947
5.1
5.253
BT
AN80L52RMS
5.2
6.2
5.044
5.2
5.356
BU
BA
(Marking example : AN80L18RMS)


Similar Part No. - AN80L28RMS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80L28RMS PANASONIC-AN80L28RMS Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
More results

Similar Description - AN80L28RMS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1118 UTC-LR1118_14 Datasheet
257Kb / 8P
   LOW DROP POSITIVE VOLTAGE REGULATOR
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL05L AUK-S78DL05L_07 Datasheet
159Kb / 4P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com