Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0402FC24C Datasheet(PDF) 1 Page - Protek Devices

Part # P0402FC24C
Description  FLIP CHIP ARRAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0402FC24C Datasheet(HTML) 1 Page - Protek Devices

  P0402FC24C Datasheet HTML 1Page - Protek Devices P0402FC24C Datasheet HTML 2Page - Protek Devices P0402FC24C Datasheet HTML 3Page - Protek Devices P0402FC24C Datasheet HTML 4Page - Protek Devices P0402FC24C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P0402FC3.3C*
thru
P0402FC36C*
1
05107.R9 4/05
www.protekdevices.com
FLIP CHIP ARRAY
Only One Name Means ProTek’Tion™
*U.S. Patent No. Des. “D456,367S”
APPLICATIONS
✔ Cellular Phones
✔ MCM Boards
✔ Wireless Communication Circuits
✔ IR LEDs
✔ SMART & PCMCIA Cards
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
FEATURES
✔ ESD Protection > 25 kilovolts
✔ Available in Multiple Voltage Types Ranging From 3.3V to 36V
✔ 250 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Bidirectional Configuration & Monolithic Structure
✔ Protects 1 Line
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Standard EIA Chip Size: 0402
✔ Weight 0.73 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Plating
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Lead-Free - Sn/Ag/Cu, 96/3.5/0.5: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Plastic & Paper Tape and Reel Per EIA Standard 481
✔ Device Marking On Reel
✔ Top Contacts: Solder Bump 0.004” in Height (Nominal)
0402
PIN CONFIGURATION


Similar Part No. - P0402FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402FC24C PROTEC-P0402FC24C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
P0402FC24C PROTEC-P0402FC24C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
P0402FC24C PROTEC-P0402FC24C Datasheet
799Kb / 9P
   250w flip chip tvs array
P0402FC24C PROTEC-P0402FC24C Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0402FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4 Datasheet
132Kb / 6P
   FLIP CHIP ARRAY
logo
List of Unclassifed Man...
P0406FC ETC-P0406FC Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
logo
Protek Devices
SFC05-4 PROTEC-SFC05-4_07 Datasheet
93Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5_07 Datasheet
94Kb / 6P
   FLIP CHIP ARRAY
SFC05-5 PROTEC-SFC05-5 Datasheet
239Kb / 5P
   FLIP CHIP ARRAY
P0404FC33C PROTEC-P0404FC33C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0406FC33C PROTEC-P0406FC33C Datasheet
120Kb / 6P
   FLIP CHIP ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
   FLIP CHIP ARRAY
P0402FC33C PROTEC-P0402FC33C Datasheet
106Kb / 5P
   FLIP CHIP ARRAY
U0404FC33C PROTEC-U0404FC33C Datasheet
105Kb / 6P
   UNBUMPED FLIP CHIP ARRAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com