Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8387 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN8387
Description  2-channel Linear Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8387 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN8387 Datasheet HTML 1Page - Panasonic Semiconductor AN8387 Datasheet HTML 2Page - Panasonic Semiconductor AN8387 Datasheet HTML 3Page - Panasonic Semiconductor AN8387 Datasheet HTML 4Page - Panasonic Semiconductor AN8387 Datasheet HTML 5Page - Panasonic Semiconductor AN8387 Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ICs for CD/CD-ROM Player
AN8387S
VCC
PD
Topr
Tstg
Supply Voltage
Power Dissipation
Operating Ambient Temperature
Storage Temperature
V
mW
˚C
˚C
Parameter
Symbol
Rating
Unit
10
1,200 Note)
–30 ~ +85
–55 ~ +125
Note) When mounted onto the glass epoxy PCB (50mm
× 50mm × 0.8mm)
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Symbol
Range
Operating Supply Voltage Range
VCC
P.VCC
3.5V ~ 9V
1.5V ~ 9V
s Recommended Operating Range (Ta=25˚C)
Current Consumption at No Input (VCC)
Current Consumption at No Input (PVCC)
PVCC Leak Current
Vref Threshold (H) Note 1)
Vref Threshold (L) Note 2)
Input Amp. Input Impedance
Driver Input Offset Voltage
Note 3)
Driver Output Offset Voltage
Note 3)
Driver Dead Zone Width
Note3)
Driver Transfer Gain (+)
Note3)
Driver (+), (–) Transfer Gain Ratio
Note 3)
Driver Output Voltage
Driver Output Voltage Absolute Value
Driver Power Transistor Saturation
Voltage
PC Input Pin Threshold Voltage (H) Note 4)
PC Input Pin Threshold Voltage (L) Note 5)
Protective Diode Forward Voltage
Thermal Protective Circuit Operating
Temperature
IVCCQ
IPVCCQ
IPVCCL
VrefH
VrefL
RAIN
VI offset
VO offset
|VDZ|
G+
RG
VOLG
|VOL|
Vsat
VPC THH
VPC THL
VPD
TTHD
VCC=9V, Vref=4.5V, PVCC=9V
VCC=9V, Vref=4.5V, PVCC=9V
VCC=0V, Vref=OPEN, PVCC=10V
VCC=3V, PVCC=10V, VIN=0V
VCC=3V, PVCC=10V, VIN=0V
VCC=9V, Vref=4.5V, PVCC=9V
VCC=9V, Vref=4.5V, PVCC=9V
VCC=9V, Vref=4.5V, PVCC=9V
VCC=9V, Vref=4.5V, PVCC=9V
VCC=9V, Vref=4.5V, PVCC=9V
1
0.7
1.45
0.75
–10
–55
–10
13
–1.9
–130
2.25
2.8
0.9
2
1.2
1
0
0
15.1
– 0.9
0.29
1.5
160
3.5
3.5
1
1
1.25
10
55
19
17
0.5
130
3
0.38
0.8
1.8
mA
mA
µA
V
V
k
mV
mV
mV
dB
dB
mV
V
V
V
V
V
˚C
Parameter
Symbol
Condition
min.
typ.
max.
Unit
s Electrical Characteristics (Ta=25˚C)
VCC=9V, Vref=4.5V, PVCC=9V,
VLIM=0V
IO=300mA
VCC=9V, Vref=4.5V, PVCC=9V,
VLIM=3V
VCC=9V, Vref=4.5V, PVCC=9V,
IO=300mA
VCC=9V, Vref=2.5V, PVCC=5V,
VIN=2.3V
VCC=9V, Vref=2.5V, PVCC=5V,
VIN=2.3V
VCC=5V, Vref=2.5V,
VIN=2.4
→2.6V
Note1)
Vref voltage required to operate the driver.
Note2)
If Vref is made lower than this voltage, the driver dose not operate.
Note3)
Refer to the driver input/output characteristics chart.
Note4)
If the PC pin voltage is made higher than this voltage, there will be no output voltage from the driver. Both (+) and (–)
outputs are pulling in the current.
Note5)
If the PC pin voltage is made lower than this voltage, the driver operates normally.


Similar Part No. - AN8387

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN838 SILABS-AN838 Datasheet
991Kb / 4P
   NANOPOWER CIRCUIT DESIGN IN LOW-FREQUENCY SENSOR APPLICATIONS
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
More results

Similar Description - AN8387

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7611A SIPEX-SP7611A_07 Datasheet
687Kb / 14P
   2-4 Channel Low Dropout Linear LED Driver
logo
Panasonic Semiconductor
AN8377N PANASONIC-AN8377N Datasheet
50Kb / 4P
   3-channel Linear Driver
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
logo
Sipex Corporation
SP7121 SIPEX-SP7121 Datasheet
452Kb / 11P
   2-Channel Adjustable Low Dropout High Side Linear LED Driver
logo
TriQuint Semiconductor
TGA4892-SL TRIQUINT-TGA4892-SL_15 Datasheet
218Kb / 1P
   16QAM Dual Channel Linear Driver
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
   8-Channel WLED Linear Driver
logo
Panasonic Semiconductor
AN8389S PANASONIC-AN8389S Datasheet
277Kb / 5P
   4 Channel Linear Driver IC
logo
Sipex Corporation
SP7120 SIPEX-SP7120 Datasheet
1Mb / 17P
   2 or 3 Channel Low Dropout High Side Linear LED Driver
logo
Infineon Technologies A...
TLE82452-3SA INFINEON-TLE82452-3SA_15 Datasheet
2Mb / 71P
   2 Channel High-Side and Low-Side Linear Solenoid Driver IC
Rev 1.0, 2015-03-27
logo
Supertex, Inc
CL325 SUTEX-CL325_08 Datasheet
604Kb / 7P
   3-Channel 25mA Linear LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com