Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN8470NSA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AN8470NSA
Description  Spindle motor driver IC for optical disk
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8470NSA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AN8470NSA Datasheet HTML 1Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 2Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 3Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 4Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 5Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 6Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 7Page - Panasonic Semiconductor AN8470NSA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ICs for Compact Disc/CD-ROM Player
AN8470NSA
3
s Recommended Operating Range
Parameter
Symbol
Range
Unit
Supply voltage
VDD
4.5 to 5.5
V
VM1
VM2
s Electrical Characteristics at T
a = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Overall
Circuit current 1
IDD1
VDD = 5 V in power save mode
00.1
mA
Circuit current 2
IDD2
VDD = 5 V
914
mA
Start/stop
Start voltage
VSTART
Voltage with which a circuit operates
2.7

V
at VDD = 5 V and L → H
Stop voltage
VSTOP
Voltage with which a circuit becomes

0.7
V
off at VDD = 5 V and H → L
Hall bias
Hall bias voltage
VHB
VDD = 5 V, IHB = 20 mA
0.7
1.1
1.6
V
Hall amplifier
Input bias current
IBH
VDD = 5 V
15
µA
In-phase input voltage range
VHBR
VDD = 5 V, except for H2H, H2L
1.5
4.0
V
Minimum input level
VINH
VDD = 5 V
60
 mV[p-p]
Torque command
In-phase input voltage range
EC
VDD = 5 V
0.5
3.9
V
Offset voltage
ECOF
VDD = 5 V
−100
0
100
mV
Dead zone
ECDZ
VDD = 5 V
0
75
150
mV
Input current
ECIN
VDD = 5 V, EC = ECR = 2.5 V
−5
−1
µA
Input/output gain
ACS
VDD = 5 V, RCS = 0.33 Ω
0.36
0.48
0.60
A/V
Output
High-level output saturation voltage
VOH
VDD = 5 V, IO = −500 mA
0.25
0.50
V
Low-level output saturation voltage
VOL
VDD = 5 V, IO = 500 mA
0.25
0.50
V
Torque limit current
ITL
VDD = 5 V, RCS = 0.33 Ω
455
570
685
mA
OSC
Charging current
ICH
VDD = 5 V
−65
−50
−35
µA
Upper threshold voltage
VCH
VDD = 5 V
1.75
2.50
3.25
V
Lower threshold voltage
VCL
VDD = 5 V
0.35
0.50
0.65
V


Similar Part No. - AN8470NSA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
More results

Similar Description - AN8470NSA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8473SA PANASONIC-AN8473SA Datasheet
57Kb / 6P
   Spindle motor driver IC for optical disk
AN8481SB PANASONIC-AN8481SB Datasheet
64Kb / 6P
   Spindle motor driver IC for optical disk
AN8472SA PANASONIC-AN8472SA Datasheet
75Kb / 9P
   Spindle motor driver IC for optical disk
logo
Sanyo Semicon Device
LB1813M SANYO-LB1813M Datasheet
178Kb / 9P
   Spindle Motor Driver for Floppy-disk Drives?
LB1810M SANYO-LB1810M Datasheet
158Kb / 7P
   Spindle Motor Driver for Floppy-disk Drives
logo
Fairchild Semiconductor
FAN8422G FAIRCHILD-FAN8422G Datasheet
358Kb / 10P
   Floppy Disk Drive Spindle Motor Driver
logo
Sanyo Semicon Device
LB11699H SANYO-LB11699H Datasheet
115Kb / 9P
   Spindle Motor Driver IC
logo
STMicroelectronics
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
   Disk drive spindle and VCM motor driver
logo
Panasonic Semiconductor
AN8730SB PANASONIC-AN8730SB Datasheet
79Kb / 7P
   4-channel driver IC for optical disk
logo
Rohm
BD6665FM ROHM-BD6665FM Datasheet
218Kb / 2P
   Spindle motor driver IC for CD-ROM/RW
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com