Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0408FC15C Datasheet(PDF) 6 Page - Protek Devices

Part # P0408FC15C
Description  DEVICE CHARACTERISTICS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0408FC15C Datasheet(HTML) 6 Page - Protek Devices

  P0408FC15C Datasheet HTML 1Page - Protek Devices P0408FC15C Datasheet HTML 2Page - Protek Devices P0408FC15C Datasheet HTML 3Page - Protek Devices P0408FC15C Datasheet HTML 4Page - Protek Devices P0408FC15C Datasheet HTML 5Page - Protek Devices P0408FC15C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
www.protekdevices.com
05156.R5 4/05
P0408FC3.3C*
thru
P0408FC36C*
*U.S. Patent No. Des. “D456,367S”
PACKAGE OUTLINE & DIMENSIONS
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
A
F
G
H
I
0.51
0.15 SQ
0.71
0.99
0.51
0.020
0.006 SQ
0.028
0.039
0.020
DIM
MILLIMETERS
INCHES
PACKAGE DIMENSIONS
NOTES:
1. Controlling dimensions in inches.
2. Decimal tolerances for mounting pad and
outline: .xxx ± 0.05mm (± 0.002”).
3.
Preferred: Using 0.1mm (0.004”) stencil.
MOUNTING PAD LAYOUT - Option 2
TAPE & REEL ORDERING NOMENCLATURE
1. Surface mount product is taped and
reeled in accordance with EIA 481.
2.
8mm Plastic Tape: 7 Inch Reels - 5,000
pieces per reel. Ordering Suffix: -T75-1
(i.e., P0408FC05C-T75-1).
3.
8mm Paper Tape: 7 Inch Reels - 5,000
pieces per reel. Ordering Suffix: -T75-2
(i.e., P0408FC05C-T75-2).
4. Suffix = LF = Lead-Free,
i.e.,
P0408FC05C-LF-T75-1.
Outline & Dimensions: Rev 4 - 2/04, 06021
TAPE & REEL ORIENTATION
NOTE:
1. Top view of tape. Solder bumps are face
down in tape package.
Quad Die - 0408
COPPER CONTACT 0.009” [0.23] DIA.
SOLDER PRINT 0.014” [0.36] DIA.
A
I
SOLDER
MASK
DIE
SOLDER
BUMP


Similar Part No. - P0408FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0408FC15C PROTEC-P0408FC15C Datasheet
86Kb / 6P
   PFLIP CHIP ARRAY
P0408FC15C PROTEC-P0408FC15C Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC15C PROTEC-P0408FC15C Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0408FC15C

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSULCXX04P10 YEASHIN-YSULCXX04P10 Datasheet
1Mb / 4P
   DEVICE CHARACTERISTICS
logo
Protek Devices
PSD03 PROTEC-PSD03 Datasheet
85Kb / 4P
   DEVICE CHARACTERISTICS
logo
STMicroelectronics
ACST1635-8FP STMICROELECTRONICS-ACST1635-8FP Datasheet
138Kb / 13P
   Characteristics
logo
New Jersey Semi-Conduct...
OA126 NJSEMI-OA126 Datasheet
108Kb / 2P
   Characteristics
1N4958 NJSEMI-1N4958 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4972 NJSEMI-1N4972 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4988 NJSEMI-1N4988 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5743A NJSEMI-1N5743A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5745A NJSEMI-1N5745A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N5747A NJSEMI-1N5747A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com