Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY241V08ASC-41 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY241V08ASC-41
Description  MPEG Clock Generator with VCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY241V08ASC-41 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY241V08ASC-41 Datasheet HTML 1Page - Cypress Semiconductor CY241V08ASC-41 Datasheet HTML 2Page - Cypress Semiconductor CY241V08ASC-41 Datasheet HTML 3Page - Cypress Semiconductor CY241V08ASC-41 Datasheet HTML 4Page - Cypress Semiconductor CY241V08ASC-41 Datasheet HTML 5Page - Cypress Semiconductor CY241V08ASC-41 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MPEG Clock Generator with VCXO
CY241V08A-41
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07655 Rev. *A
Revised April 22, 2004
Features
• Integrated phase-locked loop (PLL)
• Low-jitter, high-accuracy outputs
• VCXO with analog adjust
• 3.3V operation
Benefits
• Highest-performance PLL tailored for multimedia applica-
tions
• Meets critical timing requirements in complex system
designs
• Application compatibility for a wide variety of designs
Frequency Table
Part Number
Outputs
Input Frequency Range
Output Frequencies
VCXO Control
Curve
Other Features
CY241V08A-41
1
27-MHz pullable crystal input
per Cypress specification
One copy of 27 MHz
One copy of 83.33 MHz
(non-pullable)
linear
Pinout-compatible with
MK3741
27 XIN
XOUT
OSC
VCXO
VDD
VSS
Block Diagram
8-pin SOIC
CY241V08A-41
1
2
3
4
XOUT
XIN
VCXO
XBUF/27 MHz
VSS
REF
83.33 MHz
5
6
7
8
VDD
Pin Configuration
OUTPUT
DIVIDER
PLL
83.33MHz
XBUF/27MHz
54 REF


Similar Part No. - CY241V08ASC-41

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08ASC-01 CYPRESS-CY241V08ASC-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08ASC-01T CYPRESS-CY241V08ASC-01T Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08ASC-04 CYPRESS-CY241V08ASC-04 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08ASC-04T CYPRESS-CY241V08ASC-04T Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08ASC-11 CYPRESS-CY241V08ASC-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
More results

Similar Description - CY241V08ASC-41

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY241V08A-05 CYPRESS-CY241V08A-05 Datasheet
122Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-11 CYPRESS-CY241V08A-11 Datasheet
120Kb / 6P
   MPEG Clock Generator with VCXO
CY2412 CYPRESS-CY2412 Datasheet
128Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-02 CYPRESS-CY241V08A-02 Datasheet
129Kb / 6P
   MPEG Clock Generator with VCXO
CY241V08A-01 CYPRESS-CY241V08A-01 Datasheet
68Kb / 6P
   MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212_05 Datasheet
135Kb / 6P
   MediaClock??MPEG Clock Generator with VCXO
CY24212 CYPRESS-CY24212 Datasheet
111Kb / 6P
   MediaClock MPEG Clock Generator with VCXO
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Asahi Kasei Microsystem...
AK8130D AKM-AK8130D Datasheet
194Kb / 8P
   Multi Clock Generator with VCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com