Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CED9926 Datasheet(PDF) 5 Page - Chino-Excel Technology

Part # CED9926
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET [Chino-Excel Technology]
Direct Link  http://www.cetsemi.com
Logo CET - Chino-Excel Technology

CED9926 Datasheet(HTML) 5 Page - Chino-Excel Technology

  CED9926 Datasheet HTML 1Page - Chino-Excel Technology CED9926 Datasheet HTML 2Page - Chino-Excel Technology CED9926 Datasheet HTML 3Page - Chino-Excel Technology CED9926 Datasheet HTML 4Page - Chino-Excel Technology CED9926 Datasheet HTML 5Page - Chino-Excel Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Figure 11. Switching Test Circuit
Figure 12. Switching Waveforms
CED9926/CEU9926
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULSE WIDTH
6-86
4
INVERTED
Square Wave Pulse Duration (sec)
Figure 13. Normalized Thermal Transient Impedance Curve
VDD
R
D
V
V
R
S
V
G
GS
IN
GEN
OUT
L
10
-4
10
-3
10
-2
10
-1
10
0
PDM
t1
t2
1. R JC (t)=r (t) * R JC
2. R JC=See Datasheet
3. TJM-TC =P*R JC (t)
4. Duty Cycle, D=t1/t2
10
-3
10
-2
10
-1
10
0
10
2
10
1
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
6


Similar Part No. - CED9926

ManufacturerPart #DatasheetDescription
logo
CET-MOS Technology Corp...
CED90P04 CET-MOS-CED90P04 Datasheet
536Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2022.July
logo
Chino-Excel Technology
CED93A3 CET-CED93A3 Datasheet
416Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CED95P04 CET-CED95P04 Datasheet
870Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
More results

Similar Description - CED9926

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com