Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1327G-225AXC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1327G-225AXC
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G-225AXC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1327G-225AXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 11Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 12Page - Cypress Semiconductor CY7C1327G-225AXC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
PRELIMINARY
CY7C1327G
Document #: 38-05519 Rev. *A
Page 9 of 18
ISB3
Automatic CE
Power-down
Current—CMOS Inputs
VDD = Max, Device
Deselected, or VIN ≤ 0.3V
or VIN > VDDQ – 0.3V
f = fMAX = 1/tCYC
4-ns cycle,250MHz
105
mA
4.4-ns cycle,225MHz
100
mA
5-ns cycle,200MHz
95
mA
6-ns cycle,166MHz
85
mA
7.5-ns cycle,133MHz
75
mA
10-ns cycle,100MHz
65
mA
ISB4
Automatic CE
Power-down
Current—TTL Inputs
VDD = Max, Device
Deselected, VIN ≥ VIH or
VIN ≤ VIL, f = 0
All speeds
45
mA
Thermal Resistance[9]
Parameter
Description
Test Conditions
TQFP Package
BGA Package
Unit
Θ
JA
Thermal Resistance
(Junction to Ambient)
Test conditions follow standard test
methods and procedures for measuring
thermal impedance, per EIA / JESD51.
TBD
TBD
°C/W
Θ
JC
Thermal Resistance
(Junction to Case)
TBD
TBD
°C/W
Capacitance[9]
Parameter
Description
Test Conditions
TQFP Package
BGA Package Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 3.3V.
VDDQ = 3.3V
55
pF
CCLK
Clock Input Capacitance
5
5
pF
CI/O
Input/Output Capacitance
5
7
pF
Electrical Characteristics Over the Operating Range (continued)[7, 8]
Parameter
Description
Test Conditions
Min.
Max.
Unit
AC Test Loads and Waveforms
Notes:
9. Tested initially and after any design or process change that may affect these parameters.
OUTPUT
R = 317
R = 351
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.5V
3.3V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1ns
≤ 1ns
(c)
OUTPUT
R = 1667
R =1538
5pF
INCLUDING
JIG AND
SCOPE
(a)
(b)
OUTPUT
RL = 50Ω
Z0 = 50Ω
VT = 1.25V
2.5V
ALL INPUT PULSES
VDDQ
GND
90%
10%
90%
10%
≤ 1ns
≤ 1ns
(c)
3.3V I/O Test Load
2.5V I/O Test Load


Similar Part No. - CY7C1327G-225AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-200AXC CYPRESS-CY7C1327G-200AXC Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-200AXI CYPRESS-CY7C1327G-200AXI Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-200BGC CYPRESS-CY7C1327G-200BGC Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-200BGI CYPRESS-CY7C1327G-200BGI Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1327G-200BGXC CYPRESS-CY7C1327G-200BGXC Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G-225AXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com