Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9248YF-171-T Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248YF-171-T
Description  AMD - K7TM System Clock Chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248YF-171-T Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248YF-171-T Datasheet HTML 2Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 3Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 4Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 5Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 6Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 7Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 8Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 9Page - Integrated Circuit Systems ICS9248YF-171-T Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
ICS9248-171
Advance Information
Third party brands and names are the property of their respective owners.
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Operating Temperature . . . . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are
stress specifications only and functional operation of the device at these or any other conditions above those listed in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods
may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 70º C; Supply Voltage VDD = 3.3 V +/-5% (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input High Voltage
V
IH
2V
DD+0.3
V
Input Low Voltage
V
IL
V
SS-0.3
0.8
V
Input High Current
I
IH
V
IN = VDD
5
µA
Input Low Current
I
IL1
V
IN = 0 V; Inputs with no pull-up resistors
-5
µA
Input Low Current
I
IL2
V
IN = 0 V; Inputs with pull-up resistors
-200
µA
Operating
I
DD3.3OP66
C
L = 0 pF; Select @ 66MHz
Supply Current
I
DD3.3OP100
C
L = 0 pF; Select @ 100MHz
I
DD3.3OP133
C
L = 0 pF; Select @ 133MHz
Power Down
PD
600
µA
Input frequency
F
i
V
DD = 3.3 V;
12
14.318
16
MHz
C
IN
Logic Inputs
5
pF
C
INX
X1 & X2 pins
27
45
pF
Clk Stabilization
1
T
STAB
From V
DD = 3.3 V to 1% target Freq.
3
ms
tCPU-SDRAM
350
ps
tCPU-PCI
3
ns
1Guaranteed by design, not 100% tested in production.
180
mA
VT = 50%
Input Capacitance
1
Skew
1


Similar Part No. - ICS9248YF-171-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS9248YF-102-T RENESAS-ICS9248YF-102-T Datasheet
2Mb / 11P
   Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
logo
Integrated Circuit Syst...
ICS9248YF-103 ICST-ICS9248YF-103 Datasheet
392Kb / 16P
   Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248YF-107 ICST-ICS9248YF-107 Datasheet
141Kb / 14P
   Frequency Timing Generator for PENTIUM II Systems
ICS9248YF-110 ICST-ICS9248YF-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS9248YF-112-T ICST-ICS9248YF-112-T Datasheet
384Kb / 12P
   Frequency Generator & Integrated Buffers for Celeron & PII/III?
More results

Similar Description - ICS9248YF-171-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
   AMD-K7TM System Clock Chip
ICS94225 ICST-ICS94225 Datasheet
151Kb / 18P
   AMD-K7TM System Clock Chip
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
   AMD-K7TM System Clock Chip
logo
Renesas Technology Corp
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
   AMD-K7TM System Clock Chip
02/23/04
logo
Integrated Circuit Syst...
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
   AMD - K8 System Clock Chip
ICS950405 ICST-ICS950405 Datasheet
134Kb / 16P
   AMD - K8 System Clock Chip
ICS9248-114 ICST-ICS9248-114 Datasheet
145Kb / 14P
   AMD - K7??System Clock Chip
ICS951403 ICST-ICS951403 Datasheet
639Kb / 18P
   AMD-K7 System Clock Chip
ICS950410 ICST-ICS950410 Datasheet
179Kb / 15P
   AMD - K System Clock Chip
ICS950403 ICST-ICS950403 Datasheet
195Kb / 18P
   AMD - K8??System Clock Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com