Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R14 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT46R14
Description  A/D Type 8-Bit OTP MCU
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R14 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT46R14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
Block Diagram
Pin Assignment
HT46R14
Rev. 1.00
2
November 1, 2005
O S C 2
O S C 1
R E S
V D D
M U X
P A C
P A
P o r t A
P o r t B
V S S
P r o g r a m
R O M
P r o g r a m
C o u n t e r
I n t e r r u p t
C i r c u i t
S t a c k
I N T C
D a t a
M e m o r y
I n s t r u c t i o n
R e g i s t e r
M
U
X
I n s t r u c t i o n
D e c o d e r
S T A T U S
A L U
S h i f t e r
A C C
M P
L V R
P P G C
M
U
X
M
U
X
W D T O S C
W D T
M
U
X
P F D 0
P F D 1
f S Y S / 4
f S Y S
P r e s c a l e r
T M R 0
f S Y S / 4
T M R 1
T M R 0 C
T M R 0
T M R 1 C
T M R 1
P P G 0
P P G 1
f S Y S
P r e s c a l e r
P P G 0 C
P P G T 0
P P G 1 C
P P G T 1
f S Y S
P r e s c a l e r
P o r t C
P C C
P C
8 - C h a n n e l
A / D C o n v e r t e r
P B C
P B
P A 0 / P P G 1
P A 1 ~ P A 2
P A 3 / P F D
P A 4 / T M R 0
P A 5 / I N T 0
P A 6 / I N T 1
P A 7 / T M R 1
P B 0 / A N 0 ~ P B 7 / A N 7
P P G 0 C
P P G 0
P P G 0
H A L T
E N / D I S
T i m i n g
G e n e r a t o r
P C 0 / C 0 V I N -
P C 1 / C 0 V I N +
P C 2 / C 0 O U T
P C 3 / C 1 O U T
H T 4 6 R 1 4
2 8 S K D I P - A / S O P - A
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
P B 1 / A N 1
P B 0 / A N 0
P A 3 / P F D
P A 2
P A 1
P A 0 / P P G 1
P B 7 / A N 7
P B 6 / A N 6
P B 5 / A N 5
P B 4 / A N 4
V S S
C 1 V I N +
C 1 V I N -
P C 3 / C 1 O U T
P B 2 / A N 2
P B 3 / A N 3
P A 4 / T M R 0
P A 5 / I N T 0
P A 6 / I N T 1
P A 7 / T M R 1
O S C 2
O S C 1
V D D
R E S
P P G 0
P C 0 / C 0 V I N -
P C 1 / C 0 V I N +
P C 2 / C 0 O U T


Similar Part No. - HT46R14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R53 HOLTEK-HT46R53 Datasheet
297Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R51 HOLTEK-HT46R51 Datasheet
294Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R12A HOLTEK-HT46R12A Datasheet
307Kb / 48P
   A/D Type 8-Bit OTP MCU
HT46R14A HOLTEK-HT46R14A Datasheet
320Kb / 49P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A_09 Datasheet
297Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R12 HOLTEK-HT46R12 Datasheet
307Kb / 45P
   A/D Type 8-Bit OTP MCU
HT45R06 HOLTEK-HT45R06 Datasheet
313Kb / 41P
   A/D Type 8-Bit OTP MCU
HT46R51A HOLTEK-HT46R51A Datasheet
317Kb / 42P
   A/D Type 8-Bit OTP MCU
HT46R53A HOLTEK-HT46R53A Datasheet
303Kb / 43P
   A/D Type 8-Bit OTP MCU
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com