Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1327G-133BGXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C1327G-133BGXC
Description  4-Mbit (256K x 18) Pipelined Sync SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1327G-133BGXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C1327G-133BGXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1327G-133BGXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PRELIMINARY
CY7C1327G
Document #: 38-05519 Rev. *A
Page 3 of 18
Pin Configurations
2
34
5
6
7
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
VDDQ
NC
NC
NC
DQB
DQB
DQB
DQB
AA
A
A
ADSP
VDDQ
CE2
A
NC
VDDQ
NC
VDDQ
VDDQ
VDDQ
NC
NC
NC
NC
VDDQ
VDD
CLK
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
NC
NC
NC
NC
NC
A
A
NC
VDDQ
VDDQ
VDDQ
ANC
A
A
CE3
A
A
A
A
A
A
A0
A1
DQA
DQB
NC
NC
DQA
NC
DQA
DQA
NC
NC
DQA
NC
DQA
NC
DQA
NC
DQA
VDD
NC
DQB
NC
VDD
DQB
NC
DQB
NC
ADSC
NC
CE1
OE
ADV
GW
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
NC
MODE
DQPB
DQPA
Vss
BWB
NC
VDD
NC
BWA
NC
BWE
Vss
ZZ
119-ball BGA
A


Similar Part No. - CY7C1327G-133BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G-133BGXC CYPRESS-CY7C1327G-133BGXC Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
More results

Similar Description - CY7C1327G-133BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1327G CYPRESS-CY7C1327G_06 Datasheet
373Kb / 18P
   4-Mbit (256K x 18) Pipelined Sync SRAM
CY7C1328G CYPRESS-CY7C1328G Datasheet
379Kb / 16P
   4-Mbit (256K x 18) Pipelined DCD Sync SRAM
CY7C1327F CYPRESS-CY7C1327F Datasheet
572Kb / 17P
   4-Mb (256K x 18) Pipelined Sync SRAM
CY7C1328F CYPRESS-CY7C1328F Datasheet
341Kb / 17P
   4-Mb (256K x 18) Pipelined DCD Sync SRAM
CY7C1364C CYPRESS-CY7C1364C Datasheet
399Kb / 18P
   9-Mbit (256K x 32) Pipelined Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1327G CYPRESS-CY7C1327G_13 Datasheet
779Kb / 23P
   4-Mbit (256 K x 18) Pipelined Sync SRAM
CY7C1325G CYPRESS-CY7C1325G Datasheet
337Kb / 16P
   4-Mbit (256K x 18) Flow-Through Sync SRAM
CY7C1368C CYPRESS-CY7C1368C Datasheet
402Kb / 18P
   9-Mbit (256K x 32) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com