Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC6377 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # ILC6377
Description  0.5A, 300kHz, SO-8 PWM/PFM Step Down Converter with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6377 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  ILC6377 Datasheet HTML 1Page - Fairchild Semiconductor ILC6377 Datasheet HTML 2Page - Fairchild Semiconductor ILC6377 Datasheet HTML 3Page - Fairchild Semiconductor ILC6377 Datasheet HTML 4Page - Fairchild Semiconductor ILC6377 Datasheet HTML 5Page - Fairchild Semiconductor ILC6377 Datasheet HTML 6Page - Fairchild Semiconductor ILC6377 Datasheet HTML 7Page - Fairchild Semiconductor ILC6377 Datasheet HTML 8Page - Fairchild Semiconductor ILC6377 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Voltage
VOUT
4.875
5.000
5.125
V
Input Voltage
VIN
10
V
Output Maximum Current
IOUT(MAX)
500
600
mA
Input Supply Current
IIN
VIN 5.25V, No Load
ILC6376
2540
3740
µA
ILC6377
71
110
Shutdown Current
IS/D
VS/D = 0V
1.5
2.5
µA
LX Switch On-Resistance
Rds(on)
Open Loop Measurement, VS/D = VIN,
VLX =VIN - 0.2V, VOUT = 4.5V
0.44
0.58
LX Switch Leakage Current
ILXL
Open Loop Measurement, VOUT =
VIN, VLX = 0V
2.0
µA
Oscillator Frequency
FOSC
Measure Waveform at EXT pin VIN =
5.3V
IOUT = 20mA
255
300
345
kHz
Max Duty Cycle
MAXDTY
100
%
PFM Duty Cycle
PFMDTY
No Load (ILC6377)
15
25
35
%
Efficiency
EFFI
95
%
Undervoltage Lockout
VUVLO
Minimum VIN when VREF does not
start up
0.9
1.8
V
Soft-Start Time
TSS
VREF rises to 0V from 0.9V
6.0
10.0
16
msec
Shutdown Input Voltage
VS/D
High = Regulator “ON”
Low = Regulator “OFF”
0.65
0.2
V
EXT1, EXT2 Hi On-
Resistance
REXtHI
Open Loop Measurement
24
32
EXT1, EXT2 Low On-
Resistance
REXtLOW
Open Loop Measurement
20
26
Electrical Characteristics ILC6376/77SO50
Unless Otherwise specified all limits are at VOUT = 5.0V, VIN = 6V, FOSC=300kHz, IOUT = 200mA, TA = 25°C. Circuit config-
uration figure 1.
ILC6376/77
4
©2001 Fairchild Semiconductor Corporation


Similar Part No. - ILC6377

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-33 IMPALA-ILC6377SO-33 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-50 IMPALA-ILC6377SO-50 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
ILC6377SO-ADJ IMPALA-ILC6377SO-ADJ Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
More results

Similar Description - ILC6377

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC6377 IMPALA-ILC6377 Datasheet
684Kb / 11P
   0.5A, 300KHZ, SO-8 PWM/PFM STEP DOWN CONVERTER WITH SHUTDOWN
logo
Exar Corporation
XRP6658 EXAR-XRP6658 Datasheet
541Kb / 11P
   1A 1.5MHz PFM/PWM Synchronous Step-Down Converter
logo
Diodes Incorporated
AP1635 DIODES-AP1635 Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1635 Rev. 3
AP1604A DIODES-AP1604A Datasheet
235Kb / 7P
   PWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER
AP1604A Rev. 2
logo
ON Semiconductor
NCP1530 ONSEMI-NCP1530_05 Datasheet
135Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
January, 2005 ??Rev. 4
NCP1530 ONSEMI-NCP1530 Datasheet
133Kb / 16P
   600 mA PWM/PFM Step-Down Converter with External Synchronization Pin
November, 2004 ??Rev. 3
logo
Anpec Electronics Corop...
APW7199 ANPEC-APW7199 Datasheet
463Kb / 24P
   High-Performance Step-Down PWM Controller with PFM
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
   300KHz PFM Control Step-Up DC/DC Converter
logo
Anachip Corp
AP1604 ANACHIP-AP1604 Datasheet
202Kb / 7P
   PWM/PFM Dual Mode Step-down DC/DC Converter
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com