Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M464S0924CT1 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # M464S0924CT1
Description  8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M464S0924CT1 Datasheet(HTML) 5 Page - Samsung semiconductor

  M464S0924CT1 Datasheet HTML 1Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 2Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 3Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 4Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 5Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 6Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 7Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 8Page - Samsung semiconductor M464S0924CT1 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
M464S0924CT1
PC100 SODIMM
Rev. 0.0 April. 2000
DC CHARACTERISTICS
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noted, input swing level is CMOS(VIH/VIL=VDDQ/VSSQ)
Notes :
(Recommended operating condition unless otherwise noted, TA = 0 to 70
°C)
Parameter
Symbol
Test Condition
Version
Unit
Not
e
-1H
-1L
Operating current
(One bank active)
ICC1
Burst length = 1
tRC
≥ tRC(min)
IO = 0 mA
560
mA
1
Precharge standby current in
power-down mode
ICC2P
CKE
≤ VIL(max), tCC = 10ns
4
mA
ICC2PS
CKE & CLK
≤ VIL(max), tCC =∞
4
Precharge standby current in
non power-down mode
ICC2N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
80
mA
ICC2NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC =∞
Input signals are stable
28
Active standby current in
power-down mode
ICC3P
CKE
≤ VIL(max), tCC = 10ns
20
mA
ICC3PS
CKE & CLK
≤ VIL(max), tCC =∞
20
Active standby current in
non power-down mode
(One bank active)
ICC3N
CKE
≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are changed one time during 20ns
120
mA
ICC3NS
CKE
≥ VIH(min), CLK ≤ VIL(max), tCC =∞
Input signals are stable
80
mA
Operating current
(Burst mode)
ICC4
IO = 0 mA
Page burst
4Banks activated
tCCD = 2CLKs
580
mA
1
Refresh current
ICC5
tRC
≥ tRC(min)
840
mA
2
Self refresh current
ICC6
CKE
≤ 0.2V
C
6
mA
L
3.2
mA


Similar Part No. - M464S0924CT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S0924DTS SAMSUNG-M464S0924DTS Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS-C1H SAMSUNG-M464S0924DTS-C1H Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS-C1L SAMSUNG-M464S0924DTS-C1L Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS-C7A SAMSUNG-M464S0924DTS-C7A Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0924DTS-C7C SAMSUNG-M464S0924DTS-C7C Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
More results

Similar Description - M464S0924CT1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S0924DTS SAMSUNG-M464S0924DTS Datasheet
85Kb / 11P
   8Mx64 SDRAM SODIMM based on 8Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S0824DT1 SAMSUNG-M464S0824DT1 Datasheet
154Kb / 9P
   8Mx64 SDRAM SODIMM based on 4Mx16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M464S1724DTS SAMSUNG-M464S1724DTS Datasheet
87Kb / 11P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
M464S1724CT1 SAMSUNG-M464S1724CT1 Datasheet
149Kb / 9P
   16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD
PC133 SAMSUNG-PC133 Datasheet
166Kb / 11P
   32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
M366S3323DTS SAMSUNG-M366S3323DTS Datasheet
175Kb / 11P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
KMM366S1623AT SAMSUNG-KMM366S1623AT Datasheet
810Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S1623ET0 SAMSUNG-M366S1623ET0 Datasheet
176Kb / 12P
   16Mx64 SDRAM DIMM based on 8Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3323CT0-C75 SAMSUNG-M366S3323CT0-C75 Datasheet
201Kb / 9P
   32Mx64 SDRAM DIMM based on 16Mx8, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD
M366S3253DTS SAMSUNG-M366S3253DTS Datasheet
159Kb / 11P
   32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com