Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM883J Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM883J
Description  Low Power Quad Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM883J Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM883J Datasheet HTML 1Page - National Semiconductor (TI) LM883J Datasheet HTML 2Page - National Semiconductor (TI) LM883J Datasheet HTML 3Page - National Semiconductor (TI) LM883J Datasheet HTML 4Page - National Semiconductor (TI) LM883J Datasheet HTML 5Page - National Semiconductor (TI) LM883J Datasheet HTML 6Page - National Semiconductor (TI) LM883J Datasheet HTML 7Page - National Semiconductor (TI) LM883J Datasheet HTML 8Page - National Semiconductor (TI) LM883J Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
LM124A/LM124QML
Low Power Quad Operational Amplifiers
General Description
The LM124/124A consists of four independent, high gain,
internally frequency compensated operational amplifiers
which were designed specifically to operate from a single
power supply over a wide range of voltages. Operation from
split power supplies is also possible and the low power
supply current drain is independent of the magnitude of the
power supply voltage.
Application areas include transducer amplifiers, DC gain
blocks and all the conventional op amp circuits which now
can be more easily implemented in single power supply
systems. For example, the LM124/124A can be directly op-
erated off of the standard +5Vdc power supply voltage which
is used in digital systems and will easily provide the required
interface electronics without requiring the additional +15Vdc
power supplies.
Unique Characteristics
n
In the linear mode the input common-mode voltage
range includes ground and the output voltage can also
swing to ground, even though operated from only a
single power supply voltage
n
The unity gain cross frequency is temperature
compensated
n
The input bias current is also temperature compensated
Advantages
n
Eliminates need for dual supplies
n
Four internally compensated op amps in a single
package
n
Allows directly sensing near GND and V
OUT also goes
to GND
n
Compatible with all forms of logic
n
Power drain suitable for battery operation
Features
n
Internally frequency compensated for unity gain
n
Large DC voltage gain
100 dB
n
Wide bandwidth (unity gain)
1 MHz
(temperature compensated)
n
Wide power supply range:
Single supply
3V to 32V
or dual supplies
±1.5V to ±16V
n
Very low supply current drain (700 µA) — essentially
independent of supply voltage
n
Low input biasing current
45 nA
(temperature compensated)
n
Low input offset voltage
2 mV
and offset current:
5 nA
n
Input common-mode voltage range includes ground
n
Differential input voltage range equal to the power
supply voltage
n
Large output voltage swing
0V to V
+ − 1.5V
Ordering Information
NS PART NUMBER
SMD PART NUMBER
NS PACKAGE NUMBER
PACKAGE DISCRIPTION
LM124J/883
7704301CA
J14A
14LD CERDIP
LM124AE/883
77043022A
E20A
20LD LEADLESS CHIP CARRIER
LM124AJ/883
7704302CA
J14A
14LD CERDIP
LM124AW/883
W14B
14LD CERPACK
LM124AWG/883
7704302XA
WG14A
14LD CERAMIC SOIC
LM124AJLQMLV
5962L9950401VCA,
50k rd(Si)
J14A
14LD CERDIP
LM124AJRQMLV
5962R9950401VCA,
100k rd(Si)
J14A
14LD CERDIP
LM124AWGLQMLV
5962L9950401VZA,
50k rd(Si)
WG14A
14LD CERAMIC SOIC
LM124AWGRQMLV
5962R9950401VZA,
100k rd(Si)
WG14A
14LD CERAMIC SOIC
LM124AWLQMLV
5962L9950401VDA,
50k rd(Si)
W14B
14LD CERPACK
LM124AWRQMLV
5962R9950401VDA,
100k rd(Si)
W14B
14LD CERPACK
January 2005
© 2005 National Semiconductor Corporation
DS201080
www.national.com


Similar Part No. - LM883J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM883J NSC-LM883J Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
LM883J-14 NSC-LM883J-14 Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
More results

Similar Description - LM883J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com