Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3994TLX-1.8 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3994TLX-1.8
Description  50mA CMOS Voltage Regulator with Enable Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3994TLX-1.8 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LP3994TLX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) LP3994TLX-1.8 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Performance Characteristics. Unless otherwise specified, C
IN =COUT = 1.0 µF Ceramic, VIN
=V
OUT + 1.0V, TA = 25˚C, VEN pin is tied to VIN. (Continued)
Enable Start Up Timing, (V
OUT = 1.8V)
Enable Start Up Timing, (V
OUT = 1.5V)
20046516
20046517
Ripple Rejection
Noise Density (V
IN = 4.2V)
20046518
20046519
www.national.com
8


Similar Part No. - LP3994TLX-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3990 NSC-LP3990 Datasheet
711Kb / 13P
   150mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3994TLX-1.8

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001 Datasheet
104Kb / 5P
   300mA CMOS Low Dropout Voltage Regulator with Enable
TS9009 TSC-TS9009 Datasheet
105Kb / 5P
   80mA CMOS Low Dropout Voltage Regulator with Enable
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
   150mA CMOS Low Dropout Voltage Regulator with Enable
logo
Shenzhen Huazhimei Semi...
HM53XXM5 HMSEMI-HM53XXM5 Datasheet
491Kb / 12P
   High Speed Current_Low Dropout CMOS Voltage Regulator HM53XXM5 Series 500mA (With Enable control)
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601 Datasheet
220Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
ADDtek Corp
AMC7140 ADDTEK-AMC7140 Datasheet
199Kb / 9P
   700mA HIGH VOLTAGE ADJUSTABLE CURRENT REGULATOR WITH ENABLE CONTROL
APRIL 2007
logo
Taiwan Semiconductor Co...
TS19601 TSC-TS19601_15 Datasheet
268Kb / 8P
   700mA High Voltage Adjustable Current Regulator With Enable Control
logo
BCD Semiconductor Manuf...
AP2111 BCDSEMI-AP2111 Datasheet
62Kb / 2P
   600mA CMOS LDO REGULATOR WITH ENABLE
logo
Gamma Microelectronics ...
GM6655 GAMMA-GM6655 Datasheet
118Kb / 7P
   600mA LOW DROPOUT CMOS VOLTAGE REGULATOR WITH ENABLE FUNCTION
logo
BCD Semiconductor Manuf...
AP2112 BCDSEMI-AP2112 Datasheet
602Kb / 19P
   600mA CMOS LDO REGULATOR WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com