Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC9131 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC9131
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9131 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC9131 Datasheet HTML 7Page - Micrel Semiconductor MIC9131 Datasheet HTML 8Page - Micrel Semiconductor MIC9131 Datasheet HTML 9Page - Micrel Semiconductor MIC9131 Datasheet HTML 10Page - Micrel Semiconductor MIC9131 Datasheet HTML 11Page - Micrel Semiconductor MIC9131 Datasheet HTML 12Page - Micrel Semiconductor MIC9131 Datasheet HTML 13Page - Micrel Semiconductor MIC9131 Datasheet HTML 14Page - Micrel Semiconductor MIC9131 Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
July 2001
11
MIC9131
MIC9131
Micrel
together and either one can disable the gate drive pin and
discharge the voltage on the soft start capacitor.
V
CC Undervoltage Lockout
The V
CC voltage is internally divided down and compared to
a 1.21V internal bandgap reference. As V
CC rises above the
turn-on threshold, it disables the V
CC undervoltage lockout
circuit. Once above the turn-on threshold, hysteresis pre-
vents the lockout circuit from disabling the IC until the V
CC
voltage falls below the lower threshold.
Line Undervoltage Circuit (UVLO)
The line voltage is monitored by an external resistor divider
and fed into the negative input of the line UVLO comparator.
As the comparator trip point is exceeded, the line UVLO
circuit is disabled. Hysteresis built into the comparator pre-
vents the circuit from toggling on an off in the presence of
noise or a high input line impedance.
The line voltage turn-on trip point is:
VV
R1 R2
R2
LINE_ON
THRESHOLD
+
where: V
THRESHOLD is the voltage level of the internal
comparator reference, typically 1.21V.
The line hysteresis is equal to:
VV
R1 R2
R2
HYSTERESIS
HYST
+
where: V
HYST is the internal hysteresis level, typically
75mV.
V
HYSTERESIS is the hysteresis of the line input
voltage
The MIC9131 will be disabled when the line voltage drops
back down to:
VV
V
LINE_OFF
LINE_ON
HYTERESIS
=−
=
(VV
)
R1+ R2
R2
THRESHOLD – HYST ×
Enable
A low level on the enable pin turns off all the functions of the
MIC9131 and places it in a low quiescent current state. The
output driver is in a low state. When the enable pin is pulled
high, the MIC9131 goes through its normal start up sequence
including undervoltage lock out and soft start. When not used,
the pin should be connected to V
CC.
Oscillator Block
An external resistor and capacitor set the oscillator fre-
quency. The MIC9131 contains an internal divide-by-four
circuit that limits the maximum duty cycle at the gate drive to
75%. The oscillator frequency of the MIC9131 is four times
the output switching frequency.
Oscillator Pin
The operation of the oscillator is shown in Figure 5. The
voltage waveform at the OSC pin is a sawtooth whose
amplitude increases as capacitor Cosc is charged up through
R
OSC from the 5VBIAS. When the OSC pin voltage reaches
the internal comparator upper threshold, C
OSC is quickly
discharged to zero volts by an internal MOSFET. After a brief
delay, typically 75ns, the internal MOSFET is turned off and
the C
OSC charges, repeating the cycle. Figure 5 show the
relationship between the oscillator and gate drive waveforms.
The delays in the IC force the duty cycle of the gate drive
signal to be slightly less than 75% duty cycle.
For V
BIAS = 5V and a peak oscillator waveform voltage of 3V,
the design equations simplify to:
Charging
t
CHARGE
tt
RC
×
092
.
Discharging
tC
DISCHARGE
t
≈×
40
MIC9131
S
SET
RESET
R
Q
/Q
LINE
UVLO
VCC
UVLO
VCC
AGND
VIN
UVLO
UVLO
R1
1.21V
R2
2
11
13
PGND
15
OUT
16
SS
4
µA
5V
12
Figure 4: UVLO and Soft Start Circuits


Similar Part No. - MIC9131

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9131 MICREL-MIC9131 Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
MIC9131BM MICREL-MIC9131BM Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
MIC9131BQS MICREL-MIC9131BQS Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
More results

Similar Description - MIC9131

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9130 MICREL-MIC9130_08 Datasheet
257Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
logo
Sanyo Semicon Device
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
   LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
   LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
   Low-Voltage DC Motor Speed Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com